Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT04AD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC74HCT04AD
Description  With LSTTL-Compatible Inputs High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCT04AD Datasheet(HTML) 3 Page - Motorola, Inc

  MC74HCT04AD Datasheet HTML 1Page - Motorola, Inc MC74HCT04AD Datasheet HTML 2Page - Motorola, Inc MC74HCT04AD Datasheet HTML 3Page - Motorola, Inc MC74HCT04AD Datasheet HTML 4Page - Motorola, Inc MC74HCT04AD Datasheet HTML 5Page - Motorola, Inc MC74HCT04AD Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74HCT04A
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
DC CHARACTERISTICS (Voltages Referenced to GND)
VCC
V
Guaranteed Limit
Symbol
Parameter
Condition
VCC
V
–55 to 25
°C
≤85°C
≤125°C
Unit
VIH
Minimum High–Level Input Voltage
Vout = 0.1V
|Iout| ≤ 20µA
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low–Level Input Voltage
Vout = VCC – 0.1V
|Iout| ≤ 20µA
4.5
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOH
Minimum High–Level Output
Voltage
Vin = VIL
|Iout| ≤ 20µA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
Vin = VIL
|Iout| ≤ 4.0mA
4.5
3.98
3.84
3.70
VOL
Maximum Low–Level Output
Voltage
Vin = VIH
|Iout| ≤ 20µA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH
|Iout| ≤ 4.0mA
4.5
0.26
0.33
0.40
Iin
Maximum Input Leakage Current
Vin = VCC or GND
5.5
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0µA
5.5
1
10
40
µA
∆ICC
Additional Quiescent Supply
Current
Vin = 2.4V, Any One Input
Vin = VCC or GND, Other Inputs
Iout = 0µA
5.5
≥ –55°C
25 to 125
°C
Current
Vin = VCC or GND, Other Inputs
Iout = 0µA
5.5
2.9
2.4
mA
1. Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
2. Total Supply Current = ICC + Σ∆ICC.
AC CHARACTERISTICS (VCC = 5.0V ±10%, CL = 50pF, Input tr = tf = 6ns)
Guaranteed Limit
Symbol
Parameter
–55 to 25
°C
≤85°C
≤125°C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 1 and 2)
15
17
19
21
22
26
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 2)
15
19
22
ns
Cin
Maximum Input Capacitance
10
10
10
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Inverter)*
Typical @ 25
°C, VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance (Per Inverter)*
22
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HCT04AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCT04AD MOTOROLA-MC74HCT04AD Datasheet
144Kb / 6P
   Hex Inverter
logo
ON Semiconductor
MC74HCT04AD ONSEMI-MC74HCT04AD Datasheet
126Kb / 8P
   Hex Inverter
March, 2000 ??Rev. 7
MC74HCT04AD ONSEMI-MC74HCT04AD Datasheet
151Kb / 8P
   Hex Inverter
October, 2006 ??Rev. 9
MC74HCT04ADG ONSEMI-MC74HCT04ADG Datasheet
151Kb / 8P
   Hex Inverter
October, 2006 ??Rev. 9
MC74HCT04ADG ONSEMI-MC74HCT04ADG Datasheet
80Kb / 5P
   Hex Inverter
August, 2015 ??Rev. 12
More results

Similar Description - MC74HCT04AD

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GT08 LRC-L74VHC1GT08 Datasheet
184Kb / 6P
   2-Input AND Gate with LSTTL-Compatible Inputs
L74VHC1GT32 LRC-L74VHC1GT32 Datasheet
196Kb / 6P
   2-Input OR Gate with LSTTL-Compatible Inputs
L74VHC1GT00 LRC-L74VHC1GT00 Datasheet
377Kb / 6P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT02 LRC-L74VHC1GT02 Datasheet
206Kb / 6P
   2-Input NOR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT00 ETL-MC74VHC1GT00 Datasheet
577Kb / 4P
   2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT08A ONSEMI-MC74HCT08A Datasheet
151Kb / 7P
   Quad 2-Input AND Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
MC74HCT32A ONSEMI-MC74HCT32A Datasheet
163Kb / 8P
   Quad 2-Input OR Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
MC74HCT138A ONSEMI-MC74HCT138A_05 Datasheet
102Kb / 8P
   1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
74HCT14 ONSEMI-74HCT14 Datasheet
130Kb / 8P
   Hex Schmitt?뭈rigger Inverter with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
E-Tech Electronics LTD
MC74VHC1GT86 ETL-MC74VHC1GT86 Datasheet
578Kb / 4P
   2-Input Exclusive OR Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com