Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4213ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4213ESA
Description  Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4213ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4213ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4213ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4213ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4213ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4213ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4213ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4213ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4213ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4213ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Miniature, 300MHz, Single-Supply,
Rail-to-Rail Op Amps with Enable
6
_______________________________________________________________________________________
0
-100
100k
1M
10M
100M
HARMONIC DISTORTION
vs. FREQUENCY (AVCL = 1)
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
VOUT = 2VP-P
2ND HARMONIC
3RD HARMONIC
0
-100
100k
1M
10M
100M
HARMONIC DISTORTION
vs. FREQUENCY (AVCL = 2)
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
VOUT = 2VP-P
AVCL = 2
2ND HARMONIC
3RD HARMONIC
0
-100
100k
1M
10M
100M
HARMONIC DISTORTION
vs. FREQUENCY (AVCL = 5)
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
VOUT = 2VP-P
AVCL = 5
2ND HARMONIC
3RD
HARMONIC
0
-10
-20
-30
-60
-70
-90
-80
-40
-50
-100
LOAD (
Ω)
0
200
400
600
800
1000
HARMONIC DISTORTION
vs. LOAD
f = 5MHz
VOUT = 2VP-P
3RD HARMONIC
2ND HARMONIC
0
-100
100k
1M
10M
100M
COMMON-MODE REJECTION
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
0
-10
-20
-30
-60
-70
-90
-80
-40
-50
-100
OUTPUT SWING (VP-P)
0.5
1.0
1.5
2.0
HARMONIC DISTORTION
vs. OUTPUT SWING
fO = 5MHz
3RD HARMONIC
2ND HARMONIC
-0.01
0
100
0
100
DIFFERENTIAL GAIN AND PHASE
-0.01
0.00
0.00
0.01
0.01
0.02
0.02
0.03
0.03
IRE
IRE
VCM = 1.35V
VCM = 1.35V
20
-80
100k
1M
10M
100M
POWER-SUPPLY REJECTION
vs. FREQUENCY
-60
FREQUENCY (Hz)
-40
-20
0
10
-70
-50
-30
-10
4.5
4.0
3.5
2.5
2.0
1.5
3.0
1.0
LOAD RESISTANCE (
Ω)
25
50
75
100
125
150
OUTPUT SWING
vs. LOAD RESISTANCE (RL)
AVCL = 2
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, VEE = 0, AVCL = 1, RF = 24
Ω, RL = 100Ω to VCC/2, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4213ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4213EVKIT MAXIM-MAX4213EVKIT Datasheet
68Kb / 4P
   Single 3.3V/5V Operation
Rev 1; 6/98
MAX4213EVKIT-SO MAXIM-MAX4213EVKIT-SO Datasheet
68Kb / 4P
   Single 3.3V/5V Operation
Rev 1; 6/98
More results

Similar Description - MAX4213ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4265 MAXIM-MAX4265 Datasheet
361Kb / 16P
   Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
19-1552; Rev 0; 10/99
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Maxim Integrated Produc...
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com