Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QCB50A40 Datasheet(PDF) 1 Page - SanRex Corporation

Part # QCB50A40
Description  TRANSISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

QCB50A40 Datasheet(HTML) 1 Page - SanRex Corporation

  QCB50A40 Datasheet HTML 1Page - SanRex Corporation QCB50A40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
QCA50B/QCB50A40/60
TRANSISTOR MODULE
UL;E76102 M
Maximum Ratings
Tj
25
Electrical Characteristics
Tj
25
Symbol
Item
Conditions
Ratings
QCA50B40
QCA50A40
QCA50B60
QCA50A60
Unit
VCBO
Collector-Base Voltage
400
600
V
VCEX
Collector-Emitter Voltage
VBE
2V
400
600
V
Emitter-Base Voltage
V
VEBO
10
IC
Collector Current
=pw
1ms
50
100
A
IC
Reverse Collector Current
50
A
IB
Base Current
3
A
PT
Total power dissipation
TC
25
300
W
Tj
Junction Temperature
40
150
Tstg
Storage Temperature
40
125
VISO
Isolation Voltage
A.C.1minute
2500
V
Mounting
Torque
QCA50B
QCA50A
Mounting M6
Terminal
M5
Mounting M5
Terminal
M4
Recommended Value 2.5
3.9
25
40
4.7
48
Recommended Value 1.5
2.5
15
25
2.7
28
Recommended Value 1.5
2.5
15
25
2.7
28
Recommended Value 1.0
1.4
10
14
1.5
15
N m
f B
Mass
QCA50B/QCA50A
Typical Value
240/195
g
Unit
A
Symbol
Item
Conditions
Ratings
Min.
Max.
1.0
300
75/100
2.0
2.5
1.0
12.0
2.0
1.4
0.4/1.3
Unit
ICBO
Collector Cut-off Current
VCB
VCBO
mA
IEBO
Emitter Cut-off Current
VEB
VEBO
mA
300
VCEO SUS
Collector Emitter
Sustaning Voltage
QCA50B40
QCB50A40
QCA50B60
QCB50A60
QCA50B40
QCB50A40
QCA50B60
QCB50A60
Ic
1A
V
450
400
VCEX SUS
Ic
10A
IB2
5A
V
600
hFE
DC Current Gain
Ic
50A
VCE
2V/5V
VCE(sat)
Collector-Emitter Saturation Voltage
Ic
50A
IB
0.67A
V
VBE(sat)
Base-Emitter Saturation Voltage
Ic
50A
IB
0.67A
V
s
V
/W
ton
On Time
Storage Time
Fall Time
Transistor part
Diode part
ts
tf
Vcc
300V
Ic
50A
IB1
1A
IB2
1A
Ic
50A
VECO
Rth(j-c)
Switching Time
Collector-Emitter Reverse Voltage
Thermal Impedance (junction to case)
QCA
QCB
QCA50B and QCB50A are dual Darlington power
transistor modules which have series-connected high speed,
high power Darlington transistors. Each transistor has a
reverse paralleled fast recovery diode.
IC
50A, VCEX
400/600V
Low saturation voltage for higher efficiency.
Isolated mounting base
VEBO 10V for faster switching speed.
Applications
Motor Control
VVVF , AC/DC Servo, UPS,
Switching Power Supply, Ultrasonic Application


Similar Part No. - QCB50A40

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QCB QUALTEK-QCB Datasheet
502Kb / 1P
   MOLDED PARTS
logo
SanRex Corporation
QCB30A40 SANREX-QCB30A40 Datasheet
508Kb / 2P
   TRANSISTOR MODULE
QCB30A60 SANREX-QCB30A60 Datasheet
508Kb / 2P
   TRANSISTOR MODULE
QCB75A40 SANREX-QCB75A40 Datasheet
108Kb / 2P
   TRNASISTOR MODULE
QCB75A40 SANREX-QCB75A40 Datasheet
110Kb / 2P
   TRANSISTOR MODULE
More results

Similar Description - QCB50A40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SQD400BA60 ETC-SQD400BA60 Datasheet
432Kb / 2P
   TRANSISTOR MODULE
logo
SanRex Corporation
QCA150AA120 SANREX-QCA150AA120 Datasheet
105Kb / 2P
   TRANSISTOR MODULE
SQD300AA120 SANREX-SQD300AA120 Datasheet
100Kb / 2P
   TRANSISTOR MODULE
QCA50AA100 SANREX-QCA50AA100 Datasheet
796Kb / 4P
   TRANSISTOR MODULE
QCA150A SANREX-QCA150A Datasheet
114Kb / 2P
   TRANSISTOR MODULE
QCA200A40 SANREX-QCA200A40 Datasheet
103Kb / 2P
   TRANSISTOR MODULE
QCA75AA120 SANREX-QCA75AA120 Datasheet
103Kb / 2P
   TRANSISTOR MODULE
logo
List of Unclassifed Man...
SQD200A40 ETC-SQD200A40 Datasheet
100Kb / 2P
   TRANSISTOR MODULE
logo
SanRex Corporation
QCA75AA100 SANREX-QCA75AA100 Datasheet
758Kb / 4P
   Transistor Module
QCA100A60 SANREX-QCA100A60 Datasheet
122Kb / 2P
   TRANSISTOR MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com