Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU2720AF Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BU2720AF
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2720AF Datasheet(HTML) 1 Page - NXP Semiconductors

  BU2720AF Datasheet HTML 1Page - NXP Semiconductors BU2720AF Datasheet HTML 2Page - NXP Semiconductors BU2720AF Datasheet HTML 3Page - NXP Semiconductors BU2720AF Datasheet HTML 4Page - NXP Semiconductors BU2720AF Datasheet HTML 5Page - NXP Semiconductors BU2720AF Datasheet HTML 6Page - NXP Semiconductors BU2720AF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2720AF
GENERAL DESCRIPTION
High voltage, high-speed switching npn transistor in a plastic full-pack envelope intended for use in horizontal
deflection circuits of colour television receivers. Designed to withstand V
CES pulses up to 1700V.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1700
V
V
CEO
Collector-emitter voltage (open base)
-
825
V
I
C
Collector current (DC)
-
10
A
I
CM
Collector current peak value
-
25
A
P
tot
Total power dissipation
T
hs ≤ 25 ˚C
-
45
W
V
CEsat
Collector-emitter saturation voltage
I
C = 5.5 A; IB = 1.38 A
-
1.0
V
I
Csat
Collector saturation current
f = 16 kHz
5.5
-
A
t
s
Storage time
I
Csat = 5.5 A; f = 16 kHz
7.4
8.5
µs
PINNING - SOT199
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1700
V
V
CEO
Collector-emitter voltage (open base)
-
825
V
I
C
Collector current (DC)
-
10
A
I
CM
Collector current peak value
-
25
A
I
B
Base current (DC)
-
14
A
I
BM
Base current peak value
-
20
A
-I
B(AV)
Reverse base current
average over any 20 ms period
-
150
mA
-I
BM
Reverse base current peak value
1
-6
A
P
tot
Total power dissipation
T
hs
25 ˚C
-
45
W
T
stg
Storage temperature
-65
150
˚C
T
j
Junction temperature
-
150
˚C
ESD LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor voltage Human body model (250 pF,
-
10
kV
1.5 k
Ω)
12
3
case
b
c
e
1 Turn-off current.
September 1997
1
Rev 1.300


Similar Part No. - BU2720AF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BU2720AF ISC-BU2720AF Datasheet
101Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - BU2720AF

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com