Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4220ESD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4220ESD
Description  Miniature, 300MHz, Single-Supply, Rail-to-Rail Op Amps with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4220ESD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4220ESD Datasheet HTML 1Page - Maxim Integrated Products MAX4220ESD Datasheet HTML 2Page - Maxim Integrated Products MAX4220ESD Datasheet HTML 3Page - Maxim Integrated Products MAX4220ESD Datasheet HTML 4Page - Maxim Integrated Products MAX4220ESD Datasheet HTML 5Page - Maxim Integrated Products MAX4220ESD Datasheet HTML 6Page - Maxim Integrated Products MAX4220ESD Datasheet HTML 7Page - Maxim Integrated Products MAX4220ESD Datasheet HTML 8Page - Maxim Integrated Products MAX4220ESD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX4212/MAX4213 single, MAX4216 dual,
MAX4218 triple, and MAX4220 quad op amps are
unity-gain-stable devices that combine high-speed per-
formance with Rail-to-Rail® outputs. The MAX4213/
MAX4218 have a disable feature that reduces power-
supply current to 400µA and places the outputs into a
high-impedance state. These devices operate from a
3.3V to 10V single supply or from ±1.65V to ±5V dual
supplies. The common-mode input voltage range
extends beyond the negative power-supply rail (ground
in single-supply applications).
These devices require only 5.5mA of quiescent supply
current while achieving a 300MHz -3dB bandwidth and
a 600V/µs slew rate. Input-voltage noise is only
10nV/
√Hz and input-current noise is only 1.3pA/√Hz for
either the inverting or noninverting input. These parts
are an excellent solution in low-power/low-voltage sys-
tems that require wide bandwidth, such as video, com-
munications, and instrumentation. In addition, when
disabled, their high-output impedance makes them
ideal for multiplexing applications.
The MAX4212 comes in a miniature 5-pin SOT23 pack-
age, while the MAX4213/MAX4216 come in 8-pin µMAX
and SO packages. The MAX4218/MAX4220 are available
in space-saving 16-pin QSOP and 14-pin SO packages.
Applications
Battery-Powered Instruments
Video Line Driver
Analog-to-Digital Converter Interface
CCD Imaging Systems
Video Routing and Switching Systems
Features
o High Speed:
300MHz -3dB Bandwidth (MAX4212/MAX4213)
200MHz -3dB Bandwidth
(MAX4216/MAX4218/MAX4220)
50MHz 0.1dB Gain Flatness
(MAX4212/MAX4213)
600V/µs Slew Rate
o Single 3.3V/5.0V Operation
o Rail-to-Rail Outputs
o Input Common-Mode Range Extends Beyond VEE
o Low Differential Gain/Phase: 0.02%/0.02°
o Low Distortion at 5MHz:
-78dBc SFDR
-75dB Total Harmonic Distortion
o High-Output Drive: ±100mA
o 400µA Shutdown Capability (MAX4213/MAX4218)
o High-Output Impedance in Off State
(MAX4213/MAX4218)
o Space-Saving SOT23, µMAX, or QSOP Packages
Miniature, 300MHz, Single-Supply,
Rail-to-Rail Op Amps with Enable
________________________________________________________________ Maxim Integrated Products
1
VEE
IN-
IN+
1
5
VCC
OUT
MAX4212
SOT23-5
TOP VIEW
2
3
4
OUT
N.C.
VEE
1
2
8
7
EN
VCC
IN-
IN+
N.C.
µMAX/SO
3
4
6
5
MAX4213
Pin Configurations
RO
50
IN
VOUT
ZO = 50
UNITY-GAIN LINE DRIVER
(RL = RO + RTO)
RF
24
RTO
50
RTIN
50
MAX4212
Typical Operating Circuit
19-1178; Rev 3; 10/03
EVALUATION
KIT MANUAL
AVAILABLE
Ordering Information
Ordering Information continued at end of data sheet.
Pin Configurations continued at end of data sheet.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN
PACKAGE
TOP
MARK
MAX4212EUK-T
-40°C to +85°C
5 SOT23-5
ABAF
MAX4213ESA
-40°C to +85°C
8 SO
MAX4213EUA
-40°C to +85°C
8 µMAX


Similar Part No. - MAX4220ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4221 MAXIM-MAX4221 Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
MAX4221CSE MAXIM-MAX4221CSE Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
MAX4222 MAXIM-MAX4222 Datasheet
215Kb / 16P
   High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Rev 0; 12/97
MAX4222EEE MAXIM-MAX4222EEE Datasheet
215Kb / 16P
   High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Rev 0; 12/97
MAX4222ESD MAXIM-MAX4222ESD Datasheet
215Kb / 16P
   High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Rev 0; 12/97
More results

Similar Description - MAX4220ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4265 MAXIM-MAX4265 Datasheet
361Kb / 16P
   Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
19-1552; Rev 0; 10/99
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Maxim Integrated Produc...
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com