Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5820 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 1N5820
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1N5820 Datasheet(HTML) 2 Page - Rectron Semiconductor

  1N5820 Datasheet HTML 1Page - Rectron Semiconductor 1N5820 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES ( 1N5820 THRU 1N5822 )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE, (
)
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
0
25
50
75
100
125
150
175
4
3
2
1
0
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
1000
800
600
400
200
100
80
60
20
10
.1
.4
1.0
4
10
40
TJ = 25
FIG. 5 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
TJ = 25
Pulse Width = 300uS
1% Duty Cycle
1N5820
1N5821
1N5820
1N5821~1N5822
1N5822
INSTANTANEOUS FORWARD VOLTAGE, (V)
.2
.3
.4
.5
.6
.7
.8
.9
.1
1.0
10
20
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS
TJ = 125
TJ = 75
TJ = 25
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
0
20
40
60
80
100 120 140
.001
.01
.1
1.0
10
FIG. 3 - MAXIMUM NON-REPETITIVE
NUMBER OF CYCLE AT 60Hz
1
2
5
10
20
50
100
80
70
60
50
40
30
20
10
TL = 75
8.3ms Single Half Sine-Wave
(JEDEC Method)
FORWARD SURGE CURRENT


Similar Part No. - 1N5820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5820 MOTOROLA-1N5820 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
New Jersey Semi-Conduct...
1N5820 NJSEMI-1N5820 Datasheet
128Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5820 TSC-1N5820 Datasheet
63Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
1N5820 PACELEADER-1N5820 Datasheet
467Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Bytes
1N5820 BYTES-1N5820 Datasheet
151Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - 1N5820

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com