Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A625308V Datasheet(PDF) 10 Page - AMIC Technology

Part # A625308V
Description  32K X 8 BIT CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A625308V Datasheet(HTML) 10 Page - AMIC Technology

Back Button A625308V Datasheet HTML 5Page - AMIC Technology A625308V Datasheet HTML 6Page - AMIC Technology A625308V Datasheet HTML 7Page - AMIC Technology A625308V Datasheet HTML 8Page - AMIC Technology A625308V Datasheet HTML 9Page - AMIC Technology A625308V Datasheet HTML 10Page - AMIC Technology A625308V Datasheet HTML 11Page - AMIC Technology A625308V Datasheet HTML 12Page - AMIC Technology A625308V Datasheet HTML 13Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
A625308 Series
PRELIMINARY
(December, 2000, Version 0.2)
9
AMIC Technology, Inc.
AC Test Conditions
Input Pulse Levels
0V, 3.0V
Input Rise And Fall Time
5 ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Figure 1,2
30pF*
* Including scope and jig.
CL
* Including scope and jig.
I/O
+5V
990
1800
5pF*
CL
I/O
+5V
990
1800
Figure 1. Output Load
Figure 2. Output Load for tCLZ
tOLZ , tCHZ, tOHZ, tWHZ, and tow
Data Retention Characteristics (TA = 0
°C to 70°C)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDR
VCC for Data Retention
2.0
5.5
V
CE
≥ VCC - 0.2V
L Version
50*
ICCDR
Data Retention Current
S Version
-
10**
µA
VCC = 3.0V,
CE
≥ VCC - 0.2V
VIN
≥ 0V
tCDR
Chip Disable to Data Retention Time
0
-
ns
tR
Operation Recovery Time
5
-
ms
See Retention Waveform
* A625308-70L
ICCDR : Max. 20
µA at TA = 0°C to +40°C
** A625308-70S
ICCDR : Max. 3
µA at TA = 0°C to +40°C
Low VCC Data Retention Waveform
VCC
tCDR
VIH
4.5V
tR
VIH
4.5V
DATA RETENTION MODE
VDR
≥ 2.0V
CE
≥ VDR - 0.2V
CE


Similar Part No. - A625308V

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308 AMICC-A625308 Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308A AMICC-A625308A Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308A-70S AMICC-A625308A-70S Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308A-70SI AMICC-A625308A-70SI Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308A-70SU AMICC-A625308A-70SU Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
More results

Similar Description - A625308V

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
logo
Hynix Semiconductor
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
   32K x 8-BIT CMOS SRAM
logo
AMIC Technology
A625308A AMICC-A625308A Datasheet
141Kb / 14P
   32K X 8 BIT CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com