Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT2013M Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT2013M
Description  One Lamp/LED Flash Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2013M Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT2013M Datasheet HTML 1Page - Holtek Semiconductor Inc HT2013M Datasheet HTML 2Page - Holtek Semiconductor Inc HT2013M Datasheet HTML 3Page - Holtek Semiconductor Inc HT2013M Datasheet HTML 4Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HT201XX
One Lamp/LED Flash Driver
Selection Table
Part No.
Flash Rate
ON/OFF Control
Package
Yes
No
TO-92
Dice
HT2013H
4Hz
√√
HT2012H
4Hz
√√
HT2013M
2Hz
√√
HT2014M
2Hz
√√
HT2013L
1Hz
√√
HT2014L
1Hz
√√
Features
CMOS Metal-Gate Process Technology
Operating voltage: 1.2V~4.5V
Low standby current: 1
µA Typ. at 3V
Built-in oscillator (FOSC: 32KHz)
ON/OFF control function for the HT2013H,
HT2013M, HT2013L
1/8 duty cycle output
Directly driving an LED
Minimum external components
TO-92 package (only for the HT2012H,
HT2014M, HT2014L)
Flash rate options:
HT2013H
about 4Hz
HT2012H
about 4Hz
(No ON/OFF control function)
HT2013M
about 2Hz
HT2014M
about 2Hz
(No ON/OFF control function)
HT2013L
about 1Hz
HT2014L
about 1Hz
(No ON/OFF control function)
General Description
The HT201XX series is a low cost, low power
CMOS LSI chip designed for lamp and LED
flash drivers. It can be operated without any
external components, thus suitable for applica-
tions on flashing badges, gift cards, flashing
earrings, and other products that require flash-
ing lights.
1
10th June ’97


Similar Part No. - HT2013M

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT2002L HYES-HT2002L Datasheet
576Kb / 23P
   LCD MODULE (176 횞 RGB 횞 220 Dots)
logo
Holtek Semiconductor In...
HT2040A HOLTEK-HT2040A Datasheet
475Kb / 9P
   Christmas Light Controller
More results

Similar Description - HT2013M

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MLD571 MICRO-ELECTRONICS-MLD571 Datasheet
78Kb / 2P
   ONE LAMP/LED DRIVER
logo
Holtek Semiconductor In...
HT-2050 HOLTEK-HT-2050 Datasheet
231Kb / 5P
   FIVE LAMP/LED FLASH DRIVER
logo
IXYS Corporation
LDS8621 IXYS-LDS8621 Datasheet
208Kb / 8P
   200 mA, Dual Output LED Flash/Lamp Driver
LDS8620 IXYS-LDS8620 Datasheet
245Kb / 12P
   200 mA, Dual Output LED Flash/Lamp Driver
logo
Shanghai awinic technol...
AW3641E AWINIC-AW3641E Datasheet
2Mb / 25P
   Flash-current circuit adjustment 1 A flash lamp LED driver chip
logo
Integrated Silicon Solu...
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
   FLASH LED DRIVER
IS31BL3231-DLS2 ISSI-IS31BL3231-DLS2 Datasheet
389Kb / 13P
   FLASH LED DRIVER
IS31BL3231 ISSI-IS31BL3231 Datasheet
444Kb / 9P
   FLASH LED DRIVER
IS31BL3232-DLS2 ISSI-IS31BL3232-DLS2 Datasheet
404Kb / 11P
   FLASH LED DRIVER
logo
IXYS Corporation
LDS8681 IXYS-LDS8681 Datasheet
396Kb / 9P
   800 mA, Dual Output LED Flash/PWM Dimming Lamp Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com