Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YA846C04 Datasheet(PDF) 2 Page - Fuji Electric

Part # YA846C04
Description  Schottky barrier diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA846C04 Datasheet(HTML) 2 Page - Fuji Electric

  YA846C04 Datasheet HTML 1Page - Fuji Electric YA846C04 Datasheet HTML 2Page - Fuji Electric YA846C04 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
YA846C04 (30A)
Characteristics
(45V / 30A )
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Tj=150°C
Tj=125°C
Tj=100°C
Tj=25°C
Forward Characteristic (typ.)
VF
Forward Voltage
(V)
0
1020304050
10
-3
10
-2
10
-1
10
0
10
1
10
2
Reverse Characteristic (typ.)
Tj= 25°C
Tj=100°C
Tj=125°C
Tj=150°C
VR
Reverse Voltage
(V)
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
22
Per 1element
DC
Square wave
λ=180°
Sine wave
λ=180°
Square wave
λ=120°
Square wave
λ=60°
Forward Power Dissipation
Io
Average Forward Current
(A)
0
5
10
15
20
25
30
35
40
45
50
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
Reverse Power Dissipation
α=180°
DC
VR
Reverse Voltage
(V)
360°
λ
Io
360°
α
V R
0
5
10
15
20
25
30
35
40
45
50
60
70
80
90
100
110
120
130
140
150
160
λ :Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Square wave
λ=120°
Square wave
λ=60°
Square wave
λ=180°
Sine wave
λ=180°
DC
Current Derating (Io-Tc)
Io
Average Output Current
(A)
VR=30V
360°
λ
Io
10
100
100
1000
10000
Junction Capacitance Characteristic(typ.)
VR
Reverse Voltage
(V)


Similar Part No. - YA846C04

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YA846C04B FUJI-YA846C04B Datasheet
199Kb / 12P
   Schottky Barrier Diode
More results

Similar Description - YA846C04

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com