Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0029 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASWSS0029
Description  GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0029 Datasheet(HTML) 3 Page - Tyco Electronics

  MASWSS0029 Datasheet HTML 1Page - Tyco Electronics MASWSS0029 Datasheet HTML 2Page - Tyco Electronics MASWSS0029 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs SPDT 2.8 V High Power Switch
DC - 3.0 GHz
MASWSS0029
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
Typical Performance Curves
Insertion Loss vs. Frequency, 25°C, 39 pF
Isolation vs. Frequency, 25°C, 39 pF
0
5
10
15
20
25
30
35
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
0.0
0.2
0.4
0.6
0.8
1.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)


Similar Part No. - MASWSS0029

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0029 MA-COM-MASWSS0029 Datasheet
77Kb / 3P
   GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz
MASWSS0029SMB MA-COM-MASWSS0029SMB Datasheet
77Kb / 3P
   GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz
MASWSS0029TR MA-COM-MASWSS0029TR Datasheet
77Kb / 3P
   GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz
More results

Similar Description - MASWSS0029

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0029 MA-COM-MASWSS0029 Datasheet
77Kb / 3P
   GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz
MASWSS0006 MA-COM-MASWSS0006 Datasheet
82Kb / 3P
   GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0204 MA-COM-MASWSS0204 Datasheet
110Kb / 3P
   GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
logo
Tyco Electronics
SW-276 MACOM-SW-276 Datasheet
118Kb / 5P
   High Power GaAs SPDT Switch DC - 3.0 GHz
MASWSS0204 MACOM-MASWSS0204 Datasheet
187Kb / 3P
   GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0204 MA-COM-MASWSS0204 Datasheet
142Kb / 3P
   GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0181 MACOM-MASWSS0181 Datasheet
199Kb / 3P
   GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0204 MA-COM-MASWSS0204_15 Datasheet
546Kb / 4P
   GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0117 MACOM-MASWSS0117 Datasheet
128Kb / 3P
   GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
   GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com