Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YA846C04B Datasheet(PDF) 11 Page - Fuji Electric

Part # YA846C04B
Description  Schottky Barrier Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA846C04B Datasheet(HTML) 11 Page - Fuji Electric

Back Button YA846C04B Datasheet HTML 4Page - Fuji Electric YA846C04B Datasheet HTML 5Page - Fuji Electric YA846C04B Datasheet HTML 6Page - Fuji Electric YA846C04B Datasheet HTML 7Page - Fuji Electric YA846C04B Datasheet HTML 8Page - Fuji Electric YA846C04B Datasheet HTML 9Page - Fuji Electric YA846C04B Datasheet HTML 10Page - Fuji Electric YA846C04B Datasheet HTML 11Page - Fuji Electric YA846C04B Datasheet HTML 12Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Fuji Electric Co.,Ltd.
MS5D1917
11/12
H04-004-03
0
5
10
15
20
25
30
35
40
45
50
60
70
80
90
100
110
120
130
140
150
160
λ:Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Square wave λ=120°
Square wave λ=60°
Square wave λ=180°
Sine wave λ=180°
DC
Current Derating
(Io-Tc) (max.)
Io
Average Output Current
(A)
10
100
100
1000
10000
Junction Capacitance Characteristic
(typ.)
VR
Reverse Voltage
(V)
1
10
100
10
100
1000
Surge Capability (max.)
Number of Cycles at 50Hz


Similar Part No. - YA846C04B

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YA846C04 FUJI-YA846C04 Datasheet
56Kb / 3P
   Schottky barrier diode
More results

Similar Description - YA846C04B

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com