Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFM41CC470U2A3 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # NFM41CC470U2A3
Description  On-Board Type (DC) EMI Suppression Filters (EMIFIL)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM41CC470U2A3 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  NFM41CC470U2A3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFM41CC470U2A3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM41CC470U2A3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM41CC470U2A3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
77
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
NFM41C Series
The chip "EMIFIL" NFM41C series is a chip type
3-terminal EMI suppression filter. It can reduce
residual inductance to an extremely low level making
it excellent for noise suppression at high frequencies.
s Features
An electrostatic capacitance range of 22 to 22,000pF
enables suppression of noise at specific frequencies.
s Applications
High noise radiation and high impedance circuits such
as digital circuits
(1)
(2)
(2)
(3)
1.5
±0.3
4.5
±0.3
0.4
±0.3
1.6
±0.3
(in mm)
NFM41C
Part Number
Capacitance
(pF)
Rated Voltage
(Vdc)
Rated Current
(mA)
Insulation Resistance
(min.)
(M ohm)
Operating Temperature Range
(
°C)
NFM41CC220U2A3
22 +50%,-20%
100
300
10000
-55 to +125
NFM41CC470U2A3
47 +50%,-20%
100
300
10000
-55 to +125
NFM41CC101U2A3
100 +50%,-20%
100
300
10000
-55 to +125
NFM41CC221U2A3
220 +50%,-20%
100
300
10000
-55 to +125
NFM41CC471R2A3
470 +50%,-20%
100
300
10000
-55 to +125
NFM41CC102R2A3
1000 +50%,-20%
100
300
10000
-55 to +125
NFM41CC222R2A3
2200 +50%,-20%
100
300
10000
-55 to +125
NFM41CC223R2A3
22000 +50%,-20%
100
300
10000
-55 to +125
s Equivalent Circuit
Input
(1)
Output (3)
(2)
GND
* no polarity.
s Insertion Loss Characteristics (Typical)
0
20
40
60
80
100
1
5
10
50
100
500
1000
2000
Frequency (MHz)
(50
Ω - 50Ω)
NFM41CC223R2A3
NFM41CC222R2A3
NFM41CC102R2A3
NFM41CC471R2A3
NFM41CC221U2A3
NFM41CC101U2A3
NFM41CC470U2A3
NFM41CC220U2A3
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C31E10.pdf 03.9.1


Similar Part No. - NFM41CC470U2A3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM41CC470U2A3 MURATA-NFM41CC470U2A3 Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
NFM41CC470U2A3L MURATA-NFM41CC470U2A3L Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
More results

Similar Description - NFM41CC470U2A3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
BLM31PG330SN1 MURATA-BLM31PG330SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
DSS6NB32A471Q55B MURATA-DSS6NB32A471Q55B Datasheet
950Kb / 40P
   EMI Suppression Filters (Lead Type EMIFIL)
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com