Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW16FT5T3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M58BW16FT5T3
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16FT5T3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M58BW16FT5T3 Datasheet HTML 6Page - STMicroelectronics M58BW16FT5T3 Datasheet HTML 7Page - STMicroelectronics M58BW16FT5T3 Datasheet HTML 8Page - STMicroelectronics M58BW16FT5T3 Datasheet HTML 9Page - STMicroelectronics M58BW16FT5T3 Datasheet HTML 10Page - STMicroelectronics M58BW16FT5T3 Datasheet HTML 11Page - STMicroelectronics M58BW16FT5T3 Datasheet HTML 12Page - STMicroelectronics M58BW16FT5T3 Datasheet HTML 13Page - STMicroelectronics M58BW16FT5T3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
Description
M58BW16F, M58BW32F
10/81
Table 1.
Signal names
A0-Amax(1)
1.
Amax is equal to A18 in the M58BW16F, and to A19 in the M58BW32F.
Address inputs
DQ0-DQ7
Data Input/Output, Command Input
DQ8-DQ15
Data Input/Output, Burst Configuration Register
DQ16-DQ31
Data Input/Output
B
Burst Address Advance input
E
Chip Enable input
G
Output Enable input
K
Burst Clock input
L
Latch Enable input
R
Valid Data Ready output
RP
Reset /Power-Down input
W
Write Enable input
GD
Output Disable input
WP
Write Protect input
VDD
Supply Voltage
VDDQ
Power Supply for Output Buffers
VDDQIN
Power Supply for Input Buffers only
PEN
Program/Erase Enable
VSS
Ground
VSSQ
Input/Output Ground
NC
Not Connected Internally
DU
Don’t Use as Internally Connected


Similar Part No. - M58BW16FT5T3

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58BW16FT5T3 NUMONYX-M58BW16FT5T3 Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
M58BW16FT5T3F NUMONYX-M58BW16FT5T3F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
M58BW16FT5T3T NUMONYX-M58BW16FT5T3T Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
More results

Similar Description - M58BW16FT5T3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
   32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
logo
Numonyx B.V
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Numonyx B.V
M58BW016DB NUMONYX-M58BW016DB Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
logo
STMicroelectronics
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
   64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
   128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
Micron Technology
M58BW016FB7T3T MICRON-M58BW016FB7T3T Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com