Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI20A-50PD-SF-EJR31 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MI20A-50PD-SF-EJR31
Description  Compact Flash Card Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MI20A-50PD-SF-EJR31 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MI20A-50PD-SF-EJR31 Datasheet HTML 3Page - List of Unclassifed Manufacturers MI20A-50PD-SF-EJR31 Datasheet HTML 4Page - List of Unclassifed Manufacturers MI20A-50PD-SF-EJR31 Datasheet HTML 5Page - List of Unclassifed Manufacturers MI20A-50PD-SF-EJR31 Datasheet HTML 6Page - List of Unclassifed Manufacturers MI20A-50PD-SF-EJR31 Datasheet HTML 7Page - List of Unclassifed Manufacturers MI20A-50PD-SF-EJR31 Datasheet HTML 8Page - List of Unclassifed Manufacturers MI20A-50PD-SF-EJR31 Datasheet HTML 9Page - List of Unclassifed Manufacturers MI20A-50PD-SF-EJR31 Datasheet HTML 10Page - List of Unclassifed Manufacturers MI20A-50PD-SF-EJR31 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
C8
qEject button
: Left side
qOffset
: 2.2 mm
qMounting style : Standard mounting
sHeaders for Type I Cards
B
PCB mounting pattern
Note 1: The amount of card and button protrusion from the connector after mating is 13.6 mm.
Note 2: The dimensions of mating portion of this product comply with CFA standards.
Note 3: This product can be automatically mounted. The suction surface for automatic mounting is positioned as illustrated in the figure.
This part is fixed in the initial condition, but released with a single operation of the ejector.
(Amount of actual card ejection: 3.5 mm)
Note 4: The coplanarity (degree of flatness) of the SMT lead tip portion and the reinforced fitting mounting end face is to be 0.1 maximum.
Note 5: Dimensions in parentheses ( ) are to be regarded as reference dimensions.
3
CL No.
640-7005-0
MI20A-50PD-SF-EJL
50
Tray
Part Number
Number of Contacts
Packaging
Note
The holes (2-Ø2.4
) illustrated in the figure are only required when screws are used for fastening.
1
+
0.1
0


Similar Part No. - MI20A-50PD-SF-EJR31

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MI20A-50PD-SF-EJR HIROSE-MI20A-50PD-SF-EJR Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
More results

Similar Description - MI20A-50PD-SF-EJR31

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MI20-50RD-SF HIROSE-MI20-50RD-SF Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
logo
AVX Corporation
5610 AVX-5610 Datasheet
180Kb / 5P
   Compact Flash Memory Card Connectors
31-5610-050-210-871 AVX-31-5610-050-210-871 Datasheet
213Kb / 4P
   Compact Flash Memory Card Connectors
315610050260871 AVX-315610050260871 Datasheet
286Kb / 3P
   Compact Flash Memory Card
logo
ADL Embedded Solutions
ADLCF-II ADL-ADLCF-II Datasheet
224Kb / 2P
   Compact Flash
logo
Adam Technologies, Inc.
CF2B-50-SG ADAM-TECH-CF2B-50-SG Datasheet
109Kb / 1P
   COMPACT FLASH MALE
CFS-68-A-SG-SM ADAM-TECH-CFS-68-A-SG-SM Datasheet
94Kb / 1P
   COMPACT FLASH SOCKET
logo
Yamaichi Electronics Co...
CF050P1S-003-00DS0 YAMAICHI-CF050P1S-003-00DS0 Datasheet
129Kb / 2P
   Compact Flash Card Slim Type I
logo
Adam Technologies, Inc.
CF2-50-SG-EJ ADAM-TECH-CF2-50-SG-EJ Datasheet
107Kb / 1P
   COMPACT FLASH HEADER
CFE-2B-50 ADAM-TECH-CFE-2B-50 Datasheet
81Kb / 1P
   COMPACT FLASH MALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com