Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV341 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMV341
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV341 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV341 Datasheet HTML 2Page - Texas Instruments LMV341 Datasheet HTML 3Page - Texas Instruments LMV341 Datasheet HTML 4Page - Texas Instruments LMV341 Datasheet HTML 5Page - Texas Instruments LMV341 Datasheet HTML 6Page - Texas Instruments LMV341 Datasheet HTML 7Page - Texas Instruments LMV341 Datasheet HTML 8Page - Texas Instruments LMV341 Datasheet HTML 9Page - Texas Instruments LMV341 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
Electrical Characteristics
LMV341,, LMV342,, LMV344
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLOS447G – SEPTEMBER 2004 – REVISED FEBRUARY 2006
V
+ = 5 V, GND = 0 V, VIC = VO = V+/2, RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP(1)
MAX
UNIT
25
°C
0.25
4
VIO
Input offset voltage
mV
Full range
4.5
Average temperature coefficient
α
VIO
Full range
1.9
µV/°C
of input offset voltage
25
°C
1
200
pA
IIB
Input bias current
–40
°C to 85°C
375
–40
°C to 125°C
5
nA
IIO
Input offset current
25
°C
6.6
fA
0
≤ V
ICR ≤ 4 V
25
°C
56
86
CMRR
Common-mode rejection ratio
dB
0
≤ V
ICR ≤ 3.9 V
Full range
50
25
°C
65
82
kSVR
Supply-voltage rejection ratio
2.7 V
≤ V
+ ≤ 5 V
dB
Full range
60
Common-mode input
–0.2
VICR
CMRR
≥ 50 dB
25
°C
0
4
V
voltage range
to 4.2
25
°C
78
116
RL = 10 kΩ to 2.5 V
Full range
70
AV
Large-signal voltage gain(2)
dB
25
°C
72
107
RL = 2 kΩ to 2.5 V
Full range
64
25
°C
32
60
Low level
Full range
95
RL = 2 kΩ to 2.5 V
25
°C
34
60
High level
Full range
95
Output swing
VO
mV
(delta from supply rails)
25
°C
7
30
Low level
Full range
40
RL = 10 kΩ to 2.5 V
25
°C
7
30
High level
Full range
40
25
°C
107
200
ICC
Supply current (per channel)
µA
Full range
260
LMV341,
85
113
LMV342
Sourcing
IOS
Output short-circuit current
25
°C
mA
LMV344
TBD
TBD
Sinking
50
75
SR
Slew rate
RL = 10 kΩ(3)
25
°C
1
V/
µs
GBM
Unity-gain bandwidth
RL = 10 kΩ, CL = 200 pF
25
°C
1
MHz
Φ
m
Phase margin
RL = 100 kΩ
25
°C
70
deg
Gm
Gain margin
RL = 100 kΩ
25
°C
20
dB
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
39
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.001
pA/
√Hz
f = 1 kHz, AV = 1,
THD
Total harmonic distortion
25
°C
0.012
%
RL = 600 Ω, VI = 1 VPP
(1)
Typical values represent the most likely parametric norm.
(2)
GND + 0.2 V
≤ V
O ≤ V+ – 0.2 V
(3)
Connected as voltage follower with 2-VPP step input. Number specified is the slower of the positive and negative slew rates.
6
Submit Documentation Feedback


Similar Part No. - LMV341

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341 NSC-LMV341 Datasheet
694Kb / 17P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV341 TI1-LMV341 Datasheet
1Mb / 20P
[Old version datasheet]   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
logo
National Semiconductor ...
LMV341-N NSC-LMV341-N Datasheet
1Mb / 28P
   Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV341-N TI1-LMV341-N Datasheet
1Mb / 30P
[Old version datasheet]   Shutdown/Dual/Quad General Purpose
LMV341-N TI1-LMV341-N_16 Datasheet
1Mb / 35P
[Old version datasheet]   Single Rain-to-Rail Output CMOS Operation Amplifier With Shutdown
More results

Similar Description - LMV341

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
logo
Texas Instruments
TLV341 TI1-TLV341_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com