Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3817 Datasheet(PDF) 1 Page - Filtran LTD

Part # 3817
Description  AUDIO Line Matching Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

3817 Datasheet(HTML) 1 Page - Filtran LTD

  3817 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3817 is a 1 : 1 line matching transformer with the following features:
• Low profile
• Conforming to FCC part 68 and CS 03 regulations
• Low bridging and insertion losses
• Low cost
Applications:
• Interfacing of telecommunications equipment to 600W or 900W lines
AUDIO
Line Matching Transformer
3817
ELECTRICAL SPECIFICATION
MECHANICAL AND SCHEMATIC (All dimensions in inches)
0.45"
0.90"
1
5
10
10
6
BOTTOM VIEW
1.00" MAX.
0.15"
8PLACES
0.20
0.80"
2
4
7
8
9
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
3817 has the following electrical performance when terminated with 600 W impedances.
Frequency Response
± 0.5 dB
100 Hz - 20 KHz
Insertion Loss
1.4 dB typ.
@ 1000 Hz
Longitudinal Balance
> 60 dB
200 - 4000 Hz
Return Loss
> 15 dB
200 - 4000 Hz
Dielectric Strength
1500 Vrms
winding to winding and
windings to core


Similar Part No. - 3817

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
3817A FAIRCHILD-3817A Datasheet
272Kb / 4P
   DIGITAL CLOCK RADIO OR DIGITAL ALARM CLOCK
3817D FAIRCHILD-3817D Datasheet
272Kb / 4P
   DIGITAL CLOCK RADIO OR DIGITAL ALARM CLOCK
More results

Similar Description - 3817

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TLA3700 FILTRAN-TLA3700 Datasheet
117Kb / 1P
   Audio Line Matching Transformer
TLA4891 FILTRAN-TLA4891 Datasheet
44Kb / 1P
   Audio Line Matching Transformer
TLA6821 FILTRAN-TLA6821 Datasheet
114Kb / 1P
   Audio Line Matching Transformer
TEA5971 FILTRAN-TEA5971 Datasheet
39Kb / 1P
   Audio Line Matching Transformer
TLA6821-1 FILTRAN-TLA6821-1 Datasheet
114Kb / 1P
   Audio Line Matching Transformer
TPF0712 FILTRAN-TPF0712 Datasheet
32Kb / 1P
   Audio Line Matching Transformer
3853-2 FILTRAN-3853-2 Datasheet
135Kb / 1P
   Audio Line Matching Transformer
3853-X FILTRAN-3853-X Datasheet
140Kb / 1P
   Audio Line Matching Transformer
TLA4529 FILTRAN-TLA4529 Datasheet
51Kb / 1P
   Audio Line Matching Transformer
TEA4989 FILTRAN-TEA4989 Datasheet
52Kb / 1P
   Audio Line Matching Transformer
TLA0814 FILTRAN-TLA0814 Datasheet
27Kb / 1P
   Audio Line Matching Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com