Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI20-50RD-SFEJL31 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MI20-50RD-SFEJL31
Description  Compact Flash Card Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MI20-50RD-SFEJL31 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MI20-50RD-SFEJL31 Datasheet HTML 1Page - List of Unclassifed Manufacturers MI20-50RD-SFEJL31 Datasheet HTML 2Page - List of Unclassifed Manufacturers MI20-50RD-SFEJL31 Datasheet HTML 3Page - List of Unclassifed Manufacturers MI20-50RD-SFEJL31 Datasheet HTML 4Page - List of Unclassifed Manufacturers MI20-50RD-SFEJL31 Datasheet HTML 5Page - List of Unclassifed Manufacturers MI20-50RD-SFEJL31 Datasheet HTML 6Page - List of Unclassifed Manufacturers MI20-50RD-SFEJL31 Datasheet HTML 7Page - List of Unclassifed Manufacturers MI20-50RD-SFEJL31 Datasheet HTML 8Page - List of Unclassifed Manufacturers MI20-50RD-SFEJL31 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
C4
(Recommended board thickness=0.4)
(35)
33.4
+0.1
+0
31.115±0.05
2-R1max
0.635±0.03
50-0.4±0.03
1.27
35.86
No.1
No.26
2.7
0.2
(offset)
32.97
30.48
No.25
No.50
No.50
No.25
0.635
31.115
(t0.08∞w0.3)
No.1
1
-2
0.05
No.26
sReceptacle
B
PCB mounting pattern
Note
The coplanarity of the conductor is 0.1 mm Max.
1
CL No.
640-7001-0
MI20-50RD-SF
50
Tray
Part Number
Number of Contacts
Packaging


Similar Part No. - MI20-50RD-SFEJL31

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MI20-50RD-SF HIROSE-MI20-50RD-SF Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
More results

Similar Description - MI20-50RD-SFEJL31

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MI20-50RD-SF HIROSE-MI20-50RD-SF Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
logo
AVX Corporation
5610 AVX-5610 Datasheet
180Kb / 5P
   Compact Flash Memory Card Connectors
31-5610-050-210-871 AVX-31-5610-050-210-871 Datasheet
213Kb / 4P
   Compact Flash Memory Card Connectors
315610050260871 AVX-315610050260871 Datasheet
286Kb / 3P
   Compact Flash Memory Card
logo
ADL Embedded Solutions
ADLCF-II ADL-ADLCF-II Datasheet
224Kb / 2P
   Compact Flash
logo
Adam Technologies, Inc.
CF2B-50-SG ADAM-TECH-CF2B-50-SG Datasheet
109Kb / 1P
   COMPACT FLASH MALE
CFS-68-A-SG-SM ADAM-TECH-CFS-68-A-SG-SM Datasheet
94Kb / 1P
   COMPACT FLASH SOCKET
logo
Yamaichi Electronics Co...
CF050P1S-003-00DS0 YAMAICHI-CF050P1S-003-00DS0 Datasheet
129Kb / 2P
   Compact Flash Card Slim Type I
logo
Adam Technologies, Inc.
CF2-50-SG-EJ ADAM-TECH-CF2-50-SG-EJ Datasheet
107Kb / 1P
   COMPACT FLASH HEADER
CFE-2B-50 ADAM-TECH-CFE-2B-50 Datasheet
81Kb / 1P
   COMPACT FLASH MALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com