Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW16FT4T3F Datasheet(PDF) 8 Page - STMicroelectronics

Part # M58BW16FT4T3F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16FT4T3F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M58BW16FT4T3F Datasheet HTML 4Page - STMicroelectronics M58BW16FT4T3F Datasheet HTML 5Page - STMicroelectronics M58BW16FT4T3F Datasheet HTML 6Page - STMicroelectronics M58BW16FT4T3F Datasheet HTML 7Page - STMicroelectronics M58BW16FT4T3F Datasheet HTML 8Page - STMicroelectronics M58BW16FT4T3F Datasheet HTML 9Page - STMicroelectronics M58BW16FT4T3F Datasheet HTML 10Page - STMicroelectronics M58BW16FT4T3F Datasheet HTML 11Page - STMicroelectronics M58BW16FT4T3F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
Description
M58BW16F, M58BW32F
8/81
All blocks are protected during power-up. The M58BWxxF features five different levels of
hardware and software block protection to avoid unwanted program/erase operations:
Write/Protect Enable input, WP, hardware protects a combination of blocks from
program and erase operations. The blocks to be protected are configured individually
by issuing a Set Block Protection Configuration Register or a Clear Block Protection
Configuration Register command.
All Program or Erase operations are blocked when Reset, RP, is held Low.
A Program/Erase Enable input, PEN, is used to protect all blocks, preventing Program
and Erase operations from affecting their data.
A permanent user-enabled protection against Modify operations is available:
on one specific 128-Kbit parameter block in the M58BW32F – Block 1 for bottom
devices or Block 72 for top devices
on two specific 64-Kbit parameter blocks in the M58BW16F – Blocks 2 & 3 for
bottom devices or Blocks 36 & 35 for top devices.
A Reset/Power-down mode is entered when the RP input is Low. In this mode the power
consumption is reduced to the standby level, the device is write protected and both the
Status and Burst Configuration Registers are cleared. A recovery time is required when the
RP input goes High.
A manufacturer code and a device code are available. They can be read from the memory
allowing programming equipment or applications to automatically match their interface to
the characteristics of the memory.
Finally, the M58BWxxF features a 64-bit Unique Device Identifier (UID) which is
programmed by ST on the production line. It is unique for each die and can be used to
implement cryptographic algorithms to improve security. Information is available in the CFI
area (see Table 30: M58BW16F extended query information).
The memory is offered in PQFP80 (14 x 20mm) and LBGA80 (1.0mm pitch) packages and it
is supplied with all the bits erased (set to ’1’).


Similar Part No. - M58BW16FT4T3F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58BW16FT4T3F NUMONYX-M58BW16FT4T3F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
More results

Similar Description - M58BW16FT4T3F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
   32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
logo
Numonyx B.V
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Numonyx B.V
M58BW016DB NUMONYX-M58BW016DB Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
logo
STMicroelectronics
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
   64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
   128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
Micron Technology
M58BW016FB7T3T MICRON-M58BW016FB7T3T Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com