Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4766-03 Datasheet(PDF) 1 Page - Filtran LTD

Part # 4766-03
Description  Power Transformers Horizontal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

4766-03 Datasheet(HTML) 1 Page - Filtran LTD

  4766-03 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4766-01
6.3
7.25
1.20
4766-02
6.3
7.14
2.00
4766-03
10.0
11.00
1.00
4766-04
14.0
16.00
1.00
4766-05
20.0
22.00
0.50
4766-06
28.0
32.00
0.50
4766-07
30.0
34.20
0.50
4766-08
36.0
39.40
0.30
4766-09
44.0
50.60
0.25
4766-10
50.0
57.00
0.30
4767-01
8.5
9.60
2.00
4767-02
36.0
40.00
0.50
4767-03
16.0
17.60
1.00
4768-01
6.3
6.90
4.00
4768-02
8.5
9.50
3.00
4768-03
10.0
10.80
2.00
4768-04
12.6
13.80
2.00
4768-05
20.0
22.00
1.00
4768-06
25.0
27.50
1.00
4768-07
28.0
30.80
1.00
4768-08
44.0
48.10
0.50
4768-09
50.0
55.00
0.50
4769-01
14.0
15.30
2.00
4769-02
18.0
19.60
1.50
4770-01
8.5
9.04
4.00
4770-02
10.0
10.50
3.00
4770-03
16.0
17.00
2.20
4770-04
16.0
17.40
3.00
4770-05
20.0
21.40
2.00
4770-06
25.0
26.80
1.50
4770-07
33.0
35.00
1.00
4770-08
36.0
39.50
1.00
4770-09
44.0
47.40
1.00
4770-10
50.0
54.50
1.00
4770-11
60.0
65.20
0.50
4770-12
80.0
85.50
0.50
4770-13
100.0
107.00
0.50
4770-14
120.0
129.50
0.30
Secondary Voltages (A-A)
F.L.
N.L.
Current
Part No.
Volts
Volts
Amps
Secondary Voltages (A-A)
F.L.
N.L.
Current
Part No.
Volts
Volts
Amps
LOW VOLTAGE RECTIFIER Transformer
with horizontal channel frames.
· Primary voltage,115 Volts, 60 Hz.
· Primary and secondary leads 8-10" long.
· 2-hole horizontal mounting.
·5 sizes are available, covering the range:
10 to 50 VA.
· CSA listed (LR 47366).
MECHANICAL
ELECTRICAL SPECIFICATION
DIMENSIONS
PIN SPACING
P/N
L
W
H
A
4766
3.25
2.00
2.00
2.81
4767
3.25
2.25
2.00
2.81
4768
3.69
2.13
2.31
3.13
4769
4.00
2.25
2.63
3.56
4770
4.00
2.50
2.63
3.56
Dimensions, Inches
Power Transformers
Horizontal
4766 - 4770
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company


Similar Part No. - 4766-03

ManufacturerPart #DatasheetDescription
logo
Heyco.
4766 HEYCO-4766 Datasheet
220Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
4766 HEYCO-4766 Datasheet
220Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
ITT Industries
476601000 ITT-476601000 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
logo
C&K Components
476602000 CK-COMPONENTS-476602000 Datasheet
429Kb / 6P
   Tiny Pushbutton Switches
logo
ITT Industries
476602000 ITT-476602000 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
More results

Similar Description - 4766-03

ManufacturerPart #DatasheetDescription
logo
API Delevan
6023-036 API-6023-036 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6015-010 API-6015-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6022R-010 API-6022R-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6014R-010 API-6014R-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6024-020 API-6024-020 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6022-010 API-6022-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6023R-010 API-6023R-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6023-010 API-6023-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6012R-6017R API-6012R-6017R Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6015R-010 API-6015R-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com