Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4702-15 Datasheet(PDF) 1 Page - Filtran LTD

Part # 4702-15
Description  Power Transformers Low Profile
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

4702-15 Datasheet(HTML) 1 Page - Filtran LTD

  4702-15 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
Parallel
Series
Part No.
VA
Volts
Amps
Volts
Amps
Power Transformers
Low Profile
4701 - 4705
LOW PROFILE Transformer for printed
circuit mounting.
· Five sizes: 2, 6, 12, 24 and 48 VA ratings.
· Split bobbins for increased dielectric
strength and low capacitive coupling.
·115/230 volts, 47/63 Hz primary windings.
· CSA listed (LR 47366) and U.L. recognized
(E100878).
MECHANICAL
ELECTRICAL SPECIFICATION
4701-05
2
5
0.50
10
0.25
4701-06
2
6.3
0.40
12.6
0.20
TLP4701-08
2
8
0.30
16
0.15
4701-10
2
10
0.25
20
0.13
4701-12
2
12
0.20
24
0.10
4701-15
2
15
0.17
30
0.09
4701-17
2
17
0.15
34
0.08
4701-28
2
28
0.09
56
0.05
4702-05
6
5
1.20
10
0.60
4702-06
6
6.3
0.90
12.6
0.45
4702-08
6
8
0.70
16
0.35
4702-10
6
10
0.60
20
0.30
4702-12
6
12
0.50
24
0.25
4702-15
6
15
0.40
30
0.20
4702-17
6
17
0.34
34
0.17
4702-28
6
28
0.20
56
0.10
4703-05
12
5
2.40
10
1.20
4703-06
12
6.3
1.80
12.6
0.90
4703-08
12
8
1.40
16
0.70
4703-10
12
10
1.20
20
0.60
4703-12
12
12
1.00
24
0.50
4703-15
12
15
0.80
30
0.40
4703-17
12
17
0.68
34
0.34
4703-28
12
28
0.40
56
0.20
4704-05
24
5
4.80
10
2.40
4704-06
24
6.3
3.80
12.6
1.90
4704-08
24
8
3.00
16
1.50
4704-10
24
10
2.40
20
1.20
4704-12
24
12
2.00
24
1.00
4704-15
24
15
1.60
30
0.80
4704-17
24
17
1.40
34
0.70
4704-28
24
28
0.85
56
0.43
4705-05
48
5
9.60
10
4.80
4705-06
48
6.3
7.60
12.6
3.80
4705-08
48
8
6.00
16
3.00
4705-10
48
10
4.80
20
2.40
4705-12
48
12
4.00
24
2.00
4705-15
48
15
3.20
30
1.60
4705-17
48
17
2.80
34
1.40
4705-28
48
28
1.70
56
0.83
Parallel
Series
Part No.
VA
Volts
Amps
Volts
Amps
Size
A
B
C
D
E
S
4701
1.56
1.88
0.65
0.375 1.60
0.028 X 0.041
4702
1.56
1.88
0.85
0.375 1.60
0.028 X 0.041
4703
2.00
2.50
1.07
0.50
2.00
0.028 X 0.041
4704
2.25
2.87
1.25
0.60
1.90
0.040 X 0.040
4705
2.50
3.12
1.38
0.60
2.18
0.040 X 0.040
Dimensions, Inches


Similar Part No. - 4702-15

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4702-24-0 POMONA-4702-24-0 Datasheet
40Kb / 1P
   Banana Plug To In-Line Banana Jack
4702-24-2 POMONA-4702-24-2 Datasheet
40Kb / 1P
   Banana Plug To In-Line Banana Jack
4702-36-0 POMONA-4702-36-0 Datasheet
40Kb / 1P
   Banana Plug To In-Line Banana Jack
4702-36-2 POMONA-4702-36-2 Datasheet
40Kb / 1P
   Banana Plug To In-Line Banana Jack
4702-48-0 POMONA-4702-48-0 Datasheet
40Kb / 1P
   Banana Plug To In-Line Banana Jack
More results

Similar Description - 4702-15

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
4881 FILTRAN-4881 Datasheet
94Kb / 1P
   Power Transformers Low Profile
logo
Central Technologies
CTSPW CT-CTSPW Datasheet
209Kb / 1P
   Power Transformers - Low Profile
logo
Rhombus Industries Inc.
T-60300 RHOMBUS-IND-T-60300 Datasheet
18Kb / 1P
   Low Profile PC Power Transformers
logo
List of Unclassifed Man...
3FL10-250 ETC2-3FL10-250 Datasheet
133Kb / 1P
   Low Profile Laminated Power Transformers
logo
Premier Magnetics, Inc.
PLP-102 PMI-PLP-102 Datasheet
41Kb / 3P
   LOW PROFILE DUAL BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Bel Fuse Inc.
PC-10-90 BEL-PC-10-90 Datasheet
1Mb / 3P
   Miniature Low Power Transformers
logo
Hammond Manufacturing L...
145J HAMMOND-145J Datasheet
376Kb / 2P
   LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
logo
Premier Magnetics, Inc.
PM-DB2701 PMI-PM-DB2701 Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
logo
Rhombus Industries Inc.
T-31104 RHOMBUS-IND-T-31104 Datasheet
29Kb / 1P
   Low Profile Modem Coupling and Voiceband Transformers
logo
Micro Electronics
PHT-1901 MICRO-ELECTRONICS-PHT-1901 Datasheet
240Kb / 1P
   LOW PROFILE INTERFACE COUPLING AND HYBRID TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com