Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV344IDE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV344IDE4
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV344IDE4 Datasheet(HTML) 4 Page - Texas Instruments

  LMV344IDE4 Datasheet HTML 1Page - Texas Instruments LMV344IDE4 Datasheet HTML 2Page - Texas Instruments LMV344IDE4 Datasheet HTML 3Page - Texas Instruments LMV344IDE4 Datasheet HTML 4Page - Texas Instruments LMV344IDE4 Datasheet HTML 5Page - Texas Instruments LMV344IDE4 Datasheet HTML 6Page - Texas Instruments LMV344IDE4 Datasheet HTML 7Page - Texas Instruments LMV344IDE4 Datasheet HTML 8Page - Texas Instruments LMV344IDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
Electrical Characteristics
LMV341,, LMV342,, LMV344
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLOS447G – SEPTEMBER 2004 – REVISED FEBRUARY 2006
V
+ = 2.7 V, GND = 0 V, VIC = VO = V+/2, RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP(1)
MAX
UNIT
25
°C
0.25
4
VIO
Input offset voltage
mV
Full range
4.5
Average temperature coefficient
α
VIO
Full range
1.7
µV/°C
of input offset voltage
25
°C
1
120
pA
IIB
Input bias current
–40
°C to 85°C
250
–40
°C to 125°C
3
nA
IIO
Input offset current
25
°C
6.6
fA
0
≤ V
ICR ≤ 1.7 V
25
°C
56
80
CMRR
Common-mode rejection ratio
dB
0
≤ V
ICR ≤ 1.6 V
Full range
50
25
°C
65
82
kSVR
Supply-voltage rejection ratio
2.7 V
≤ V
+ ≤ 5 V
dB
Full range
60
Common-mode input voltage
–0.2
VICR
CMRR
≥ 50 dB
25
°C
0
1.7
V
range
to 1.9
25
°C
78
113
RL = 10 kΩ to 1.35 V
Full range
70
AV
Large-signal voltage gain(2)
dB
25
°C
72
103
RL = 2 kΩ to 1.35 V
Full range
64
25
°C
24
60
Low level
Full range
95
RL = 2 kΩ to 1.35 V
25
°C
26
60
High level
Full range
95
Output swing
VO
mV
(delta from supply rails)
25
°C
5
30
Low level
Full range
40
RL = 10 kΩ to 1.35 V
25
°C
5.3
30
High level
Full range
40
25
°C
100
170
ICC
Supply current (per channel)
µA
Full range
230
LMV341,
20
32
LMV342
Sourcing
IOS
Output short-circuit current
25
°C
mA
LMV344
18
24
Sinking
15
24
SR
Slew rate
RL = 10 kΩ(3)
25
°C
1
V/
µs
GBM
Unity-gain bandwidth
RL = 10 kΩ, CL = 200 pF
25
°C
1
MHz
Φ
m
Phase margin
RL = 100 kΩ
25
°C
72
deg
Gm
Gain margin
RL = 100 kΩ
25
°C
20
dB
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
40
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.001
pA/
√Hz
f = 1 kHz, AV = 1,
THD
Total harmonic distortion
25
°C
0.017
%
RL = 600 Ω, VI = 1 VPP
(1)
Typical values represent the most likely parametric norm.
(2)
GND + 0.2 V
≤ V
O ≤ V+ – 0.2 V
(3)
Connected as voltage follower with 2-VPP step input. Number specified is the slower of the positive and negative slew rates.
4
Submit Documentation Feedback


Similar Part No. - LMV344IDE4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV344IDE4 NSC-LMV344IDE4 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - LMV344IDE4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
logo
Texas Instruments
TLV341 TI1-TLV341_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com