Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4803-01 Datasheet(PDF) 1 Page - Filtran LTD

Part # 4803-01
Description  Power Transformers Fully Enclosed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

4803-01 Datasheet(HTML) 1 Page - Filtran LTD

  4803-01 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
4801-01
5.0
5.40
3.00
4802-01
5.0
5.43
6.00
4802-02
6.3
6.90
4.00
4802-03
12.6
13.80
2.00
4802-04
25.0
27.50
1.00
4802-05
28.0
30.80
1.00
4802-06
36.0
39.50
1.00
4802-07
50.0
51.80
5.00
4802-08
60.0
65.20
0.50
4803-01
5.0
5.35
8.00
4803-02
6.3
6.70
6.00
4803-03
10.0
10.70
4.00
4803-04
16.0
17.40
3.00
4803-05
18.0
19.40
3.00
4803-06
25.0
26.80
1.50
4803-07
33.0
35.00
1.00
4803-08
50.0
54.50
1.00
4803-09
80.0
85.50
0.50
4803-10
100.0
107.00
0.50
4804-01
5.0
5.35
10.00
4804-02
6.3
6.74
8.00
4804-03
10.0
10.70
5.00
4804-04
10.0
10.70
5.00
4804-05
11.0
11.80
5.00
4804-06
12.6
13.40
4.00
4804-07
14.0
15.10
4.00
4804-08
24.0
25.60
2.00
4804-09
28.0
29.80
2.00
4804-10
30.0
31.60
1.50
4805-01
6.3
6.70
10.00
4805-02
20.0
20.80
3.00
4805-03
36.0
38.30
2.00
4805-04
60.0
63.50
1.00
4805-05
120.0
127.00
0.50
4806-01
5.0
5.30
15.00
4806-02
6.3
6.80
12.00
4806-03
10.0
10.60
8.00
4806-04
12.6
13.60
6.00
4806-05
25.0
26.80
3.00
4806-06
28.0
29.60
3.00
4807-01
5.0
5.30
20.00
4807-02
10.0
10.70
10.00
4807-03
12.6
13.30
8.00
4807-04
14.0
15.10
6.00
4807-05
16.0
17.40
5.00
4807-06
18.0
18.70
5.00
4807-07
25.0
26.60
4.00
4807-08
30.0
32.00
3.00
4807-09
44.0
46.00
2.00
4807-10
50.0
53.20
2.00
4807-11
80.0
85.20
0.50
4807-12
100.0
106.50
1.00
Secondary Voltages (A-A)
F.L.
N.L.
Current
Part No.
Volts
Volts
Amps
Secondary Voltages (A-A)
F.L.
N.L.
Current
Part No.
Volts
Volts
Amps
LOW VOLTAGE RECTIFIER Transformers with fully
enclosed vertical end covers.
· Primary voltage,115 Volts, 60 Hz.
· Primary and secondary leads 8-10" long.
· 4-hole vertical mounting.
· 7 sizes are available, covering the range:
30 to 100 VA.
· CSA listed (LR 47366).
MECHANICAL
ELECTRICAL SPECIFICATION
DIMENSIONS
P/N
L
W
H
D
E
F
G
4801
2.50
2.13
3.00
2.00
1.19 0.375 0.190
4802
2.50
2.38
3.00
2.00
1.44 0.375 0.190
4803
2.50
2.63
3.00
2.00
1.68 0.375 0.190
4804
2.50
2.88
3.00
2.00
1.94 0.375 0.190
4805
2.50
3.13
3.00
2.00
2.19 0.375 0.190
4806
2.50
3.38
3.00
2.00
2.44 0.375 0.190
4807
2.50
3.63
3.00
2.00
2.69 0.375 0.190
Dimensions, Inches
Power Transformers
Fully Enclosed 4801 - 4807


Similar Part No. - 4803-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4803-187 ETC2-4803-187 Datasheet
166Kb / 2P
   This Drawing is the property of J.S.T.(U.K.) Ltd. it must not be copied or used for manufacturing without written permission from J.S.T.(U.K.)Ltd.
More results

Similar Description - 4803-01

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
4808 FILTRAN-4808 Datasheet
82Kb / 1P
   Power Transformers Fully Enclosed
logo
List of Unclassifed Man...
SPN30-05S ETC2-SPN30-05S Datasheet
315Kb / 2P
   30 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN100 ETC1-SPN100 Datasheet
203Kb / 2P
   100 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN15 ETC1-SPN15 Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN30 VOLGEN-SPN30 Datasheet
315Kb / 2P
   30 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SPN50 ETC1-SPN50 Datasheet
311Kb / 2P
   50 WATT, Universal Input Fully Enclosed Switching Power Supply
SP15U ETC1-SP15U Datasheet
195Kb / 2P
   15-WATT, Universal Input Fully Enclosed Switching Power Supply
logo
Volgen Kaga Electronics...
SPN15 VOLGEN-SPN15 Datasheet
320Kb / 2P
   15 WATT, Universal Input Fully Enclosed Switching Power Supply
SPN50 VOLGEN-SPN50 Datasheet
311Kb / 2P
   50 WATT, Universal Input Fully Enclosed Switching Power Supply
logo
List of Unclassifed Man...
SX50U ETC1-SX50U Datasheet
371Kb / 2P
   50 Watt, 120 VAC Inputt Fully Enclosed Switchiing Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com