Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4713-12 Datasheet(PDF) 1 Page - Filtran LTD

Part # 4713-12
Description  Power Transformers International
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

4713-12 Datasheet(HTML) 1 Page - Filtran LTD

  4713-12 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
INTERNATIONAL SERIES Power
Transformers for printed circuit mounting.
· Six sizes: 2.5, 5, 10, 20, 30, 56 VA ratings.
· Dual bobbins for increased dielectric
strength (4000V RMS).
·115/230 volts, 47/63 Hz primary windings.
· CSA listed (LR 47366) and U.L. recognized
(E100878).
· Exceeds VDE, BSI and IEC requirements.
MECHANICAL
ELECTRICAL SPECIFICATION
4711-05
2.5
5
0.50
10
0.25
4711-06
2.5
6.3
0.40
12.6
0.20
4711-08
2.5
8
0.30
16
0.15
4711-10
2.5
10
0.24
20
0.12
4711-12
2.5
12
0.20
24
0.10
4711-14
2.5
14
0.18
28
0.09
4711-18
2.5
18
0.14
36
0.07
4712-05
5
5
1.00
10
0.50
4712-06
5
6.3
0.80
12.6
0.40
4712-08
5
8
0.62
16
0.31
4712-10
5
10
0.50
20
0.25
4712-12
5
12
0.42
24
0.21
4712-14
5
14
0.36
28
0.18
4712-18
5
18
0.28
36
0.14
4713-05
10
5
2.0
10
1.00
4713-06
10
6.3
1.60
12.6
0.80
4713-08
10
8
1.25
16
0.62
4713-10
10
10
1.00
20
0.50
4713-12
10
12
0.84
24
0.42
4713-14
10
14
0.72
28
0.36
4713-18
10
18
0.56
36
0.28
4714-05
20
5
4.0
10
2.00
4714-06
20
6.3
3.20
12.6
1.60
4714-08
20
8
2.50
16
1.25
4714-10
20
10
2.00
20
1.00
4714-12
20
12
1.66
24
0.83
4714-14
20
14
1.44
28
0.72
4714-18
20
18
1.12
36
0.56
4715-05
30
5
6.00
10
3.00
4715-06
30
6.3
4.80
12.6
2.40
4715-08
30
8
3.80
16
1.90
4715-10
30
10
3.00
20
1.50
4715-12
30
12
2.50
24
1.25
4715-14
30
14
2.12
28
1.06
4715-18
30
18
1.64
36
0.82
4716-05
56
5
11.20
10
5.60
4716-06
56
6.3
8.80
12.6
4.40
4716-08
56
8
7.00
16
3.50
4716-10
56
10
5.60
20
2.80
4716-12
56
12
4.66
24
2.33
4716-14
56
14
4.00
28
2.00
4716-18
56
18
3.12
36
1.56
Parallel
Series
Part No.
VA
Volts
Amps
Volts
Amps
Parallel
Series
Part No.
VA
Volts
Amps
Volts
Amps
PINS
DIMENSIONS
PIN SPACINGS
MOUNTING INFORMATION
PINS
P/N
L
W
H
A
B
C
E
F
G
screws
square
4711
1.63
1.32
1.13
0.20
0.250
1.00
1.063
2 X #4
0.025
(41.3)
(33.3)
(28.6)
(5.1)
(6.4)
(25.4)
(27.0)
(2 X M3)
(0.64)
4712
1.63
1.32
1.38
0.20
0.205
1.00
1.063
2 X #4
0.025
(41.3)
(33.3)
(34.9)
(5.1)
(10.2)
(25.4)
(27.0)
(2 X M3)
(0.64)
4713
1.88
1.57
1.38
0.20
0.400
1.14
1.250
2 X #4
0.036
(47.6)
(39.7)
(34.9)
(5.1)
(10.2)
(29.0)
(31.8)
(2 X M3)
4714
2.25
1.88
1.63
0.40
0.400
1.46
1.500
2 X #4
0.036
(57.1)
(47.6)
(41.3)
(10.2)
(10.2)
(37.1)
(38.1)
(2 X M3)
4715
2.63
2.19
1.57
0.55
0.275
1.68
2.19
1.75
4 X #6
0.045
(66.7)
(55.6)
(39.7)
(14)
(7.0)
(42.7)
(55.6) (44.5)
(2 X M3)
4716
3.00
2.50
1.82
0.60
0.300
1.90
2.50
2.00
4 X #6
0.045
(76.2)
(63.5)
(46.0)
(15.2)
(7.6)
(48.3)
(63.5) (50.8)
(2 X M3)
Dimensions, Inches (mm)
Power Transformers
International
4711 - 4716


Similar Part No. - 4713-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4713 ETC2-4713 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Diotec Semiconductor
4713 DIOTEC-4713 Datasheet
96Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Keystone Electronics Co...
4713 KEYSTONE-4713 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
ITT Industries
471300201 ITT-471300201 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
471300264 ITT-471300264 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
More results

Similar Description - 4713-12

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
4721 FILTRAN-4721 Datasheet
80Kb / 1P
   Power Transformers International
logo
List of Unclassifed Man...
PL2.5-10-130B ETC2-PL2.5-10-130B Datasheet
2Mb / 2P
   International Laminated Power Transformers
logo
RENCO ELECTRONICS, INC.
RL-2251 RENCO-RL-2251 Datasheet
1Mb / 2P
   ALL/TRAN??INTERNATIONAL PCB MOUNT TRIPLE OUTPUT POWER TRANSFORMERS
RL-2261 RENCO-RL-2261 Datasheet
122Kb / 3P
   ALL IN ONE??INTERNATIONAL TRIPLE OUTPUT POWER TRANSFORMERS ??CHASSIS MOUNT
logo
Pulse A Technitrol Comp...
A41-25-10A1 PULSE-A41-25-10A1 Datasheet
160Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International High Power Series
logo
List of Unclassifed Man...
2120H ETC2-2120H Datasheet
58Kb / 3P
   international power cords
logo
Wabash Transformer Inc.
VDE-25P-10 WABASH-VDE-25P-10 Datasheet
778Kb / 2P
   International Power Transformer
VDE-025P-10 WABASH-VDE-025P-10 Datasheet
741Kb / 2P
   International Power Transformer
VDE-10T-10 WABASH-VDE-10T-10 Datasheet
782Kb / 3P
   International Power Transformer
logo
Qualtek Electronics Cor...
H03VVD3HU3G100 QUALTEK-H03VVD3HU3G100 Datasheet
341Kb / 1P
   International Power Cords
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com