Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI21A-50RD-SF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MI21A-50RD-SF
Description  Compact Flash Card Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MI21A-50RD-SF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MI21A-50RD-SF Datasheet HTML 1Page - List of Unclassifed Manufacturers MI21A-50RD-SF Datasheet HTML 2Page - List of Unclassifed Manufacturers MI21A-50RD-SF Datasheet HTML 3Page - List of Unclassifed Manufacturers MI21A-50RD-SF Datasheet HTML 4Page - List of Unclassifed Manufacturers MI21A-50RD-SF Datasheet HTML 5Page - List of Unclassifed Manufacturers MI21A-50RD-SF Datasheet HTML 6Page - List of Unclassifed Manufacturers MI21A-50RD-SF Datasheet HTML 7Page - List of Unclassifed Manufacturers MI21A-50RD-SF Datasheet HTML 8Page - List of Unclassifed Manufacturers MI21A-50RD-SF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
C2
Compact Flash© Card Connectors
MI20/21 Series
1. Compact design occupies minimum space
Connectors are designed with small width and depth for
miniaturization and the foot print on the board has been
made smaller. (See (a) to the right)
2. Supplied with ground terminals
The MI21 Series are furnished with ground terminals.
3. Card ejection mechanism
Two point ejection mechanism to assure even card
ejection.
4. Designed and packaged for board placement
with automatic equipment
Headers are designed with a pick up area to accommodate
the pick-and -place nozzles of automatic mounting
machines. (Patents pending)
Receptacles are designed to be mounted on top the board,
and automatic mounting is possibble on the specified
board.
5. Card ejection mechanism
Available in several termination and mouting styles, with
and without ejection mechanism, with and without stand-
offs.
6. Rich variations
A rich assortment of variations allows selection of a type to suit
the specific card and the equipment to which it will be installed.
(1)Suitable cards: Type I , type I/II .
(2)Eject button: None, right , left
(3)Standoff: 0 mm, 2.2 mm
(4)Board mounting type: Standard , reverse
sFeatures
PDA, digital still cameras, etc.
sApplications
Complies with Compact Flash Association
51.75
Automatic equipment
pick up area.
HRS Product Feature
Fixed
Fixed fittings make
slider immobile.
Construction facilitates
pick-and-place process.
(b)Suitable for automatic mounting
(a)Space-saving design
MI20
Series
Mounting
offset
Ejector
Cards
----
Built-in nuts
YES
YES
Ø(None)
Type1or2
Type1or2
Type1
Type1
None
None
None
None
Right
Left
Right
Left
None
None
None
2.2 mm
2.2 mm
2.2 mm
Standard
Standard
Reverse
Reverse
MI21
Note 1: Hexagonal nuts (M2∞0.4) are required.
qProducut variation


Similar Part No. - MI21A-50RD-SF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MI21A-50PD-SF HIROSE-MI21A-50PD-SF Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
MI21A-50PD-SF-EJL HIROSE-MI21A-50PD-SF-EJL Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
MI21A-50PD-SF-EJR HIROSE-MI21A-50PD-SF-EJR Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
MI21A-50PDR-SF HIROSE-MI21A-50PDR-SF Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
MI21A-50PDR-SF-EJL HIROSE-MI21A-50PDR-SF-EJL Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
More results

Similar Description - MI21A-50RD-SF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MI20-50RD-SF HIROSE-MI20-50RD-SF Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
logo
AVX Corporation
5610 AVX-5610 Datasheet
180Kb / 5P
   Compact Flash Memory Card Connectors
31-5610-050-210-871 AVX-31-5610-050-210-871 Datasheet
213Kb / 4P
   Compact Flash Memory Card Connectors
315610050260871 AVX-315610050260871 Datasheet
286Kb / 3P
   Compact Flash Memory Card
logo
ADL Embedded Solutions
ADLCF-II ADL-ADLCF-II Datasheet
224Kb / 2P
   Compact Flash
logo
Adam Technologies, Inc.
CF2B-50-SG ADAM-TECH-CF2B-50-SG Datasheet
109Kb / 1P
   COMPACT FLASH MALE
CFS-68-A-SG-SM ADAM-TECH-CFS-68-A-SG-SM Datasheet
94Kb / 1P
   COMPACT FLASH SOCKET
logo
Yamaichi Electronics Co...
CF050P1S-003-00DS0 YAMAICHI-CF050P1S-003-00DS0 Datasheet
129Kb / 2P
   Compact Flash Card Slim Type I
logo
Adam Technologies, Inc.
CF2-50-SG-EJ ADAM-TECH-CF2-50-SG-EJ Datasheet
107Kb / 1P
   COMPACT FLASH HEADER
CFE-2B-50 ADAM-TECH-CFE-2B-50 Datasheet
81Kb / 1P
   COMPACT FLASH MALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com