Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBP1253-330 Datasheet(PDF) 1 Page - Filtran LTD

Part # CBP1253-330
Description  Chokes Drum Core Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CBP1253-330 Datasheet(HTML) 1 Page - Filtran LTD

  CBP1253-330 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chokes
Drum Core Inductor
CBP1253
• High DC levels.
• Compact size.
• Low loss Ferrite material.
• Cost effective.
• Available with heat shrink vinyl cover.
• Other applications include:
Line Filters, Speaker
Crossover Networks, SCR
and Triac Controls etc.
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
31-3
CBP1253-22G
2.2
0.003
90.0
21.0
0.80
CBP1253-27G
2.7
0.003
74.0
21.0
0.80
CBP1253-33G
3.3
0.003
74.0
21.0
0.80
CBP1253-39G
3.9
0.003
62.0
21.0
0.80
CBP1253-47G
4.7
0.003
54.0
21.0
0.80
CBP1253-56G
5.6
0.003
54.0
21.0
0.80
CBP1253-68G
6.8
0.004
47.0
21.0
0.80
CBP1253-82G
8.2
0.004
42.0
21.0
0.80
CBP1253-100
10.0
0.006
38.0
17.0
0.70
CBP1253-120
12.0
0.008
35.0
13.5
0.69
CBP1253-150
15.0
0.009
32.0
13.5
0.69
CBP1253-180
18.0
0.010
29.0
13.5
0.69
CBP1253-220
22.0
0.011
25.0
13.5
0.79
CBP1253-270
27.0
0.012
23.0
13.5
0.79
CBP1253-330
33.0
0.017
20.0
13.5
0.79
CBP1253-390
39.0
0.022
19.0
11.4
0.79
CBP1253-470
47.0
0.024
19.0
9.0
0.75
CBP1253-560
56.0
0.026
17.5
9.0
0.75
CBP1253-680
68.0
0.029
15.6
9.0
0.75
CBP1253-820
82.0
0.032
14.0
9.0
0.75
CBP1253-101
100.0
0.034
13.2
9.0
0.78
CBP1253-121
120.0
0.046
12.1
7.2
0.75
CBP1253-151
150.0
0.064
10.8
5.5
0.78
CBP1253-181
180.0
0.072
9.7
5.5
0.78
Ind. (1)
Max DCR
I DC (2)
I Rated (3)
E
Part No.
± 10% (µH)
(
Ω)
(Amp) DC (Amp) RMS (Nom.)
AB
C
E
1.10
0.84
Hole to clear
See Electrical
No. 4/40 screw
Specs. table.
Dimensions, Inches (mm)
The CBP1253 series Inductors are wound on “Drum” style ferrite cores
and are ideal for use as Input/Output filter Inductors in Switch Mode
Power Supplies.
CBP1253-221
220.0
0.080
8.7
5.5
0.78
CBP1253-271
270.0
0.110
7.9
4.5
0.75
CBP1253-331
330.0
0.122
7.1
4.5
0.71
CBP1253-391
390.0
0.169
6.7
4.0
0.75
CBP1253-471
470.0
0.187
6.0
4.0
0.75
CBP1253-561
560.0
0.205
5.5
4.0
0.75
CBP1253-681
680.0
0.256
5.0
2.8
0.72
CBP1253-821
820.0
0.288
4.5
2.8
0.84
CBP1253-102 1000.0
0.426
4.1
2.0
0.75
CBP1253-122 1200.0
1.462
3.7
2.0
0.75
CBP1253-152 1500.0
1.518
3.4
2.0
0.75
CBP1253-182 1800.0
1.705
2.8
1.6
0.77
CBP1253-222 2200.0
1.020
2.5
1.3
0.77
CBP1253-272 2700.0
1.140
2.3
1.3
0.77
CBP1253-332 3300.0
1.270
2.0
1.3
0.75
CBP1253-332 3900.0
1.670
1.8
1.0
0.75
Ind. (1)
Max DCR
I DC (2)
I Rated (3)
E
Part No.
± 10% (µH)
(
Ω)
(Amp) DC (Amp) RMS (Nom.)
1) Tolerances on values below 10 µH are ± 20%.
2) I DC is the current for which the Inductance is reduced by appr. %5 of
its initial value.
3) I RATED is the current (RMS), limited by the copper loss and the
guage of the wire in the winding.
NOTES


Similar Part No. - CBP1253-330

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CBP1251 FILTRAN-CBP1251 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1251-101 FILTRAN-CBP1251-101 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1251-10G FILTRAN-CBP1251-10G Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1251-110 FILTRAN-CBP1251-110 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1251-120 FILTRAN-CBP1251-120 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
More results

Similar Description - CBP1253-330

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CBP1252 FILTRAN-CBP1252 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1251 FILTRAN-CBP1251 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
CBP1256 FILTRAN-CBP1256 Datasheet
49Kb / 1P
   Chokes Drum Core Inductor
CBP1254 FILTRAN-CBP1254 Datasheet
49Kb / 1P
   Chokes Drum Core Inductor
CBP1255 FILTRAN-CBP1255 Datasheet
49Kb / 1P
   Chokes Drum Core Inductor
logo
Pulse A Technitrol Comp...
PA4300.102NLT PULSE-PA4300.102NLT Datasheet
701Kb / 3P
   Shielded Drum Core Inductor
PA4320.103NLT PULSE-PA4320.103NLT Datasheet
285Kb / 2P
   Shielded Drum Core Inductor
PA4321.152NLT PULSE-PA4321.152NLT Datasheet
263Kb / 2P
   Shielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
logo
Abracon Corporation
AIUR-02H_SERIES ABRACON-AIUR-02H_SERIES Datasheet
1Mb / 2P
   Mini Drum Core Inductor
08.04.14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com