Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEP4748-17 Datasheet(PDF) 1 Page - Filtran LTD

Part # CEP4748-17
Description  Common Mode Inductors Horizontal PCB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CEP4748-17 Datasheet(HTML) 1 Page - Filtran LTD

  CEP4748-17 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common Mode Inductors Horizontal PCB CEP4748
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
34-4
CEP4748 is a Common Mode Inductor for Switch Mode Power Supplies.
• Inductance range: 0.33 to 82 mH.
• Rated current range: 17.8 to 1.3 Amp.
• Split bobbins for increased dielectric strength (4000 V RMS).
• CSA listed (LR 47366) and U.L. recognized (E100878).
• Exceeds VDE, BSI and IEC regulatory requirements.
* 01
0.33
0.008
17.8
* 02
0.39
0.009
17.0
* 03
0.47
0.009
16.3
* 04
0.56
0.013
14.0
* 05
0.68
0.015
13.1
* 06
0.82
0.020
11.3
* 07
1.0
0.022
10.7
* 08
1.2
0.024
10.2
* 09
1.5
0.035
8.2
* 10
1.8
0.038
8.2
* 11
2.2
0.053
6.9
* 12
2.7
0.058
6.5
* 13
3.3
0.064
6.3
* 14
3.9
0.069
5.8
* 15
4.7
0.075
5.8
Part No.
Ind.
DCR
Rated
CEP4748 -
(mH) Min.
Ohms Max.
Current Amp.
Part No.
Ind.
DCR
Rated
CEP4748 -
(mH) Min.
Ohms Max.
Current Amp.
* 16
5.6
0.103
4.9
* 17
6.8
0.115
4.7
* 18
8.2
0.159
4.2
* 19
10
0.173
3.8
* 20
12
0.191
3.6
* 21
15
0.270
3.0
* 22
18
0.295
2.9
* 23
22
0.412
2.5
* 24
27
0.458
2.3
* 25
33
0.631
2.0
* 26
39
0.684
1.9
* 27
47
0.753
1.8
* 28
56
1.11
1.5
* 29
68
1.14
1.5
* 30
82
1.59
1.3
P/N
L
W
H
A
C
D
S
CEP4748
1.65
1.65
1.40
0.20
1.40 0.225
0.020 x 0.045
Dimensions, Inches


Similar Part No. - CEP4748-17

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CEP4736 FILTRAN-CEP4736 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
CEP4736-01 FILTRAN-CEP4736-01 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
CEP4736-02 FILTRAN-CEP4736-02 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
CEP4736-03 FILTRAN-CEP4736-03 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
CEP4736-04 FILTRAN-CEP4736-04 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
More results

Similar Description - CEP4748-17

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CEP4736 FILTRAN-CEP4736 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
CEP4737 FILTRAN-CEP4737 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
CEP4738 FILTRAN-CEP4738 Datasheet
50Kb / 1P
   Common Mode Inductors Horizontal PCB
logo
Rhombus Industries Inc.
L-244 RHOMBUS-IND-L-244 Datasheet
67Kb / 2P
   Common Mode Inductors
L-252 RHOMBUS-IND-L-252 Datasheet
37Kb / 1P
   Common Mode Inductors
logo
TRIAD MAGNETICS
CMT-8109 TRIAD-CMT-8109 Datasheet
91Kb / 1P
   Common Mode Inductors
CMT-8101 TRIAD-CMT-8101 Datasheet
86Kb / 1P
   Common Mode Inductors
CMT-8110 TRIAD-CMT-8110 Datasheet
91Kb / 1P
   Common Mode Inductors
CMT-8115 TRIAD-CMT-8115 Datasheet
92Kb / 1P
   Common Mode Inductors
CMT-8105 TRIAD-CMT-8105 Datasheet
89Kb / 1P
   Common Mode Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com