Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTP4409-19 Datasheet(PDF) 1 Page - Filtran LTD

Part # CTP4409-19
Description  Toroidal Inductors Medium Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CTP4409-19 Datasheet(HTML) 1 Page - Filtran LTD

  CTP4409-19 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* 01
3.3
0.004
24.2
11.1
22.2
44.4
* 02
3.9
0.004
23.3
10.2
20.4
40.9
* 03
4.7
0.004
22.3
9.3
18.6
37.2
* 04
5.6
0.005
21.3
8.5
17.0
34.1
* 05
6.8
0.005
20.4
7.7
15.5
30.9
* 06
8.2
0.006
19.5
7.0
14.1
28.2
* 07
10
0.006
18.6
6.4
12.8
25.5
* 08
12
0.007
17.8
5.8
11.6
23.3
* 09
15
0.008
16.8
5.2
10.4
20.8
* 10
18
0.008
16.1
4.8
9.5
19.0
* 11
22
0.009
15.3
4.3
8.6
17.2
* 12
27
0.010
14.6
3.9
7.8
15.5
* 13
33
0.011
13.9
3.5
7.0
14.0
* 14
39
0.012
13.3
3.2
6.5
12.9
* 15
47
0.013
12.7
2.9
5.9
11.8
* 16
56
0.015
12.2
2.7
5.4
10.8
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4409 - (uH)
Ohms
Amp. RMS
10%
25%
50%
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4409 - (uH)
Ohms
Amp. RMS
10%
25%
50%
* 17
68
0.016
11.6
2.4
4.9
9.8
* 18
82
0.022
9.9
2.2
4.5
8.9
* 19
100
0.024
9.4
2.0
4.0
8.1
* 20
120
0.034
8.0
1.8
3.7
7.4
* 21
150
0.047
6.7
1.6
3.3
6.6
* 22
180
0.065
5.7
1.5
3.0
6.0
* 23
220
0.072
5.5
1.4
2.7
5.4
* 24
270
0.102
4.6
1.2
2.5
4.9
* 25
330
0.141
3.9
1.1
2.2
4.4
* 26
390
0.193
3.3
1.0
2.0
4.1
* 27
470
0.268
2.8
0.9
1.9
3.7
* 28
560
0.292
2.7
0.9
1.7
3.4
Toroidal Inductors
Medium Current
CTP4409
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
32-4
CTP4409 is a medium current inductor with the following data and features:
• Core type:
1.06” o.d., Iron Powder,
perm 75.
• Power rating: 2.16 watts for temp.
rise 50˚C.
• Typical applications:
Input and output filters
in Switch Mode Power
Supplies.
Four mounting styles are offered:
1 Flying leads (1.00”), for vertical
or horizontal mounting.
2 4-pin header, for vertical mounting.
3 Threaded center hole, flying leads
(2.00”).
4 2-pin header, for vertical mounting.
Style 1
Style 2
Style 3
Style 4
1.25
0.65
0.80
1.00
1.30
0.60
0.90
0.80
1.30
1.25
0.72
Thread
#10-32
2.00
0.50
1.25
1.30
0.50
0.75
Ordering Information: Substitute the style number for the asterisk (*). Example: CTP4409, Style 1, 56uH.
Order: CTP4409 - 116


Similar Part No. - CTP4409-19

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4406 FILTRAN-CTP4406 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4406-01 FILTRAN-CTP4406-01 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4406-01 FILTRAN-CTP4406-01 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4406-02 FILTRAN-CTP4406-02 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4406-02 FILTRAN-CTP4406-02 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
More results

Similar Description - CTP4409-19

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4408 FILTRAN-CTP4408 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4555 FILTRAN-CTP4555 Datasheet
57Kb / 1P
   Toroidal Inductors Medium Current
CTP4407 FILTRAN-CTP4407 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4554 FILTRAN-CTP4554 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4557 FILTRAN-CTP4557 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4410 FILTRAN-CTP4410 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4559 FILTRAN-CTP4559 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4411 FILTRAN-CTP4411 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4560 FILTRAN-CTP4560 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4552 FILTRAN-CTP4552 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com