Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8507IDWG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8507IDWG4
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8507IDWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8507IDWG4 Datasheet HTML 3Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 4Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 5Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 6Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 7Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 8Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 9Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 10Page - Texas Instruments ADS8507IDWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
-2
-1
0
1
2
3
T
-Free-AirTemperature-ºC
A
-45 -30 -15 0
15 30 45 60 75 90 105 120
UnipolarRange
-0.2
-0.1
0
0.1
0.2
T
-Free-AirTemperature-ºC
A
-45 -30 -15 0
15 30 45 60 75 90 105 120
UnipolarRange,
4VInputRange
-0.4
-0.3
-0.2
-0.1
0
T
-Free-AirTemperature-ºC
A
-45 -30 -15 0
15 30 45 60 75 90 105 120
UnipolarRange,
5VInputRange
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
T -Free-AirTemperature-ºC
A
f =10kHz,0dB
i
-110
-105
-100
-95
-90
-85
-80
-50
-25
0
25
50
75
100
125
T -Free-AirTemperature-ºC
A
f =10kHz,0dB
i
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
T -Free-AirTemperature-ºC
A
f =10kHz,0dB
i
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
f-Frequency-kHz
-20dB
-60dB
0dB
75
80
85
90
95
100
-50
-25
0
25
50
75
100
125
f =10kHz
s
f =20kHz
s
f =30kHz
s
f =40kHz
s
f =10kHz,0dB;f =10kHzto40kHz
i
s
T
-Free-AirTemperature-°C
A
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
T -Free-AirTemperature-ºC
A
f =10kHz,0dB
i
ADS8507
SLAS381 – DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
UNIPOLAR OFFSET ERROR
UNIPOLAR FULL-SCALE ERROR
UNIPOLAR FULL-SCALE ERROR
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
Figure 9.
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
SIGNAL TO NOISE RATIO
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
Figure 12.
SIGNAL TO NOISE AND
SIGNAL TO NOISE AND
SIGNAL TO NOISE AND
DISTORTION
DISTORTION
DISTORTION
vs
vs
vs
FREE-AIR TEMPERATURE
FREQUENCY
FREE-AIR TEMPERATURE
Figure 13.
Figure 14.
Figure 15.
7
Submit Documentation Feedback


Similar Part No. - ADS8507IDWG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8507IDWG4 BURR-BROWN-ADS8507IDWG4 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Similar Description - ADS8507IDWG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com