Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI21A-50RD-SFEJL Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MI21A-50RD-SFEJL
Description  Compact Flash Card Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MI21A-50RD-SFEJL Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MI21A-50RD-SFEJL Datasheet HTML 1Page - List of Unclassifed Manufacturers MI21A-50RD-SFEJL Datasheet HTML 2Page - List of Unclassifed Manufacturers MI21A-50RD-SFEJL Datasheet HTML 3Page - List of Unclassifed Manufacturers MI21A-50RD-SFEJL Datasheet HTML 4Page - List of Unclassifed Manufacturers MI21A-50RD-SFEJL Datasheet HTML 5Page - List of Unclassifed Manufacturers MI21A-50RD-SFEJL Datasheet HTML 6Page - List of Unclassifed Manufacturers MI21A-50RD-SFEJL Datasheet HTML 7Page - List of Unclassifed Manufacturers MI21A-50RD-SFEJL Datasheet HTML 8Page - List of Unclassifed Manufacturers MI21A-50RD-SFEJL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
C6
Note 1: Coplanarity of all surface mount terminals and components is 0.1.
Note 2: Dimensions in parentheses (
) are reference dimensions.
CL No.
640-7003-5
MI20A-50PDR-SF
50
Tray
Part Number
Number of Contacts
Packaging
44±0.05
50-0.4±0.03
2.9425±0.05
31.115±0.05
37±0.05
41.3±0.05
43.9±0.1
50.3±0.1
0.635±0.03
No.1
1
2-Ø1.6
+0.1
+0
2-Ø2.4
+0.1
+0
2-Ø1.3
+0.1
+0
qEject button
: None
qOffset
: 2.2 mm
qMounting style : Reverse mounting
sHeaders for Type I Cards
48.3
46.3
No.1
No.13
No.25
No.50
No.38
No.26
43.03
(17.2)
No.50
No.25
No.1
No.26
31.115
42.3
33.7
44
t : 0.25∞w : 0.25
(4.3)
(4.3)
No.2
0.635
B
PCB mounting pattern
Note
The holes (2-Ø2.4
) illustrated in the figure are only required when screws are used for fastening.
1
+
0.1
0


Similar Part No. - MI21A-50RD-SFEJL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MI21A-50PD-SF HIROSE-MI21A-50PD-SF Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
MI21A-50PD-SF-EJL HIROSE-MI21A-50PD-SF-EJL Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
MI21A-50PD-SF-EJR HIROSE-MI21A-50PD-SF-EJR Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
MI21A-50PDR-SF HIROSE-MI21A-50PDR-SF Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
MI21A-50PDR-SF-EJL HIROSE-MI21A-50PDR-SF-EJL Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
More results

Similar Description - MI21A-50RD-SFEJL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MI20-50RD-SF HIROSE-MI20-50RD-SF Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
logo
AVX Corporation
5610 AVX-5610 Datasheet
180Kb / 5P
   Compact Flash Memory Card Connectors
31-5610-050-210-871 AVX-31-5610-050-210-871 Datasheet
213Kb / 4P
   Compact Flash Memory Card Connectors
315610050260871 AVX-315610050260871 Datasheet
286Kb / 3P
   Compact Flash Memory Card
logo
ADL Embedded Solutions
ADLCF-II ADL-ADLCF-II Datasheet
224Kb / 2P
   Compact Flash
logo
Adam Technologies, Inc.
CF2B-50-SG ADAM-TECH-CF2B-50-SG Datasheet
109Kb / 1P
   COMPACT FLASH MALE
CFS-68-A-SG-SM ADAM-TECH-CFS-68-A-SG-SM Datasheet
94Kb / 1P
   COMPACT FLASH SOCKET
logo
Yamaichi Electronics Co...
CF050P1S-003-00DS0 YAMAICHI-CF050P1S-003-00DS0 Datasheet
129Kb / 2P
   Compact Flash Card Slim Type I
logo
Adam Technologies, Inc.
CF2-50-SG-EJ ADAM-TECH-CF2-50-SG-EJ Datasheet
107Kb / 1P
   COMPACT FLASH HEADER
CFE-2B-50 ADAM-TECH-CFE-2B-50 Datasheet
81Kb / 1P
   COMPACT FLASH MALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com