Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC139TELL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LVC139TELL
Description  Dual 2-to-4-line Decoders / Demultiplexers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC139TELL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LVC139TELL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC139TELL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC139TELL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC139TELL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC139TELL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC139TELL Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HD74LVC139
Rev.3.00 Jul. 23, 2004 page 4 of 5
Test Circuit
VCC
VCC
A
Input
Pulse Generator
Z
= 50
out
Output
C =
50 pF
L
450
50
Scope
Y to Y
0
3
B
G
Note:
1.
CL includes probe and jig capacitance.
Waveforms
Input
10 %
GND
90 %
tr
tf
90 %
10 %
In phase output
VOH
VOL
tPLH
tPHL
Out of
phase output
tPHL
tPLH
VOH
VOL
VIH
Vref
V
2.7 V
1.5 V
IH
Vref
Symbol
VCC = 2.7 V,
3.3±0.3 V
VCC = 5.0±0.5 V
VCC
50%VCC
Vref
Vref
Vref
Vref
Vref
Notes:
1.
tr = 2.5 ns, tf = 2.5 ns
2.
Input waveform : PRR = 10 MHz, duty cycle 50%


Similar Part No. - HD74LVC139TELL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC139 HITACHI-HD74LVC139 Datasheet
36Kb / 7P
   Dual 2-to-4-line Decoders / Demultiplexers
More results

Similar Description - HD74LVC139TELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC139B RENESAS-RD74LVC139B_15 Datasheet
116Kb / 10P
   Dual 2-to-4-line Decoders / Demultiplexers
logo
List of Unclassifed Man...
GD74HCT155 ETC1-GD74HCT155 Datasheet
191Kb / 4P
   DUAL 2-TO-4 LINE DECODERS/DEMULTIPLEXERS
logo
National Semiconductor ...
74LS155 NSC-74LS155 Datasheet
161Kb / 8P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54HC139 TI-SN54HC139 Datasheet
535Kb / 16P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HCT139 TI-SN54HCT139 Datasheet
93Kb / 5P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54AHC139 TI-SN54AHC139 Datasheet
115Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Aeroflex Circuit Techno...
UT54ACS139 AEROFLEX-UT54ACS139 Datasheet
248Kb / 10P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54LV139A TI-SN54LV139A_08 Datasheet
779Kb / 19P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HC139 TI-SN54HC139_07 Datasheet
678Kb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74155J TI-SN74155J Datasheet
1Mb / 23P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139MG4 TI-CD74ACT139MG4 Datasheet
869Kb / 14P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com