Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTCV110LPVG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDTCV110LPVG
Description  PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCV110LPVG Datasheet(HTML) 5 Page - Integrated Device Technology

  IDTCV110LPVG Datasheet HTML 1Page - Integrated Device Technology IDTCV110LPVG Datasheet HTML 2Page - Integrated Device Technology IDTCV110LPVG Datasheet HTML 3Page - Integrated Device Technology IDTCV110LPVG Datasheet HTML 4Page - Integrated Device Technology IDTCV110LPVG Datasheet HTML 5Page - Integrated Device Technology IDTCV110LPVG Datasheet HTML 6Page - Integrated Device Technology IDTCV110LPVG Datasheet HTML 7Page - Integrated Device Technology IDTCV110LPVG Datasheet HTML 8Page - Integrated Device Technology IDTCV110LPVG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV110L
PROGRAMMABLEFLEXPCCLOCKFORP4PROCESSOR
5
IDT CONFIDENTIAL
CONTROLREGISTERS
N PROGRAMMING PROCEDURE
Use Index byte write.
For N programming, the user only needs to access Byte17, Byte 25, and Byte8.
1.
Write Byte17 for CPU PLL N, CPU f = N* Resolution, see resolution table below Byte17.
2.
Write Byte25 for SRC PLL N, SRC f = N*0.666667, PCI = SRC f /3, SATA f = SRC f.
3.
Enable N Programming bit, Byte8 bit1. Once this bit is enabled, any N value will be changed on the fly.
Center spread only works when the N Programming bit is enabled. Down spread is OK even N Programming bit is disabled
It is OK to change N value to any value on the bench test board. In the system, IDT recommends the stepping change. It is unknown how much
the system can sustain for each stepping change; the estimate is about 5. If the N changes too much in one step, the system will likely hang.
Note that SATA is with SRC PLL. This SATA Hard Drive might not operate during SRC N programming.
MostoftheBytes,fromByte8-Byte31,areusedtoadjustoutputwaveformsandSSCmodulationprofiles.Thepoweronsettingwillbechangedaccording
to each power on frequency selection. To avoid mistakes, don’t write on those byte (be careful about Block Write). It is suggested to use the Index Byte
writetoaccessbytes.
SSC MAGNITUDE CONTROL, SMC
SMC[2:0]
000
-0.25
001
-0.5
010
-0.75
011
-1
100
±0.125
101
±0.25
110
±0.375
111
±0.5
FS_C, B, A
CPU
101
100
001
133
011
166
010
200
000
266
100
333
110
400
111
RESERVE
FREQUENCY SELECTION TABLE
RESOLUTION
CPU (MHz)
Resolution
N =
100
0.666667
150
133
0.666667
200
166
1.333333
125
200
1.333333
150
266
1.333333
200
333
2.666667
125
400
2.666667
150


Similar Part No. - IDTCV110LPVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV110JP IDT-IDTCV110JP Datasheet
76Kb / 16P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV110JPV IDT-IDTCV110JPV Datasheet
76Kb / 16P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV110JPVG IDT-IDTCV110JPVG Datasheet
76Kb / 16P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV110N RENESAS-IDTCV110N Datasheet
256Kb / 17P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
MAY 2005
IDTCV110NPV RENESAS-IDTCV110NPV Datasheet
256Kb / 17P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
MAY 2005
More results

Similar Description - IDTCV110LPVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV125 IDT-IDTCV125 Datasheet
223Kb / 24P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV122C IDT-IDTCV122C Datasheet
183Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV152 IDT-IDTCV152 Datasheet
91Kb / 15P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV174C RENESAS-IDTCV174C Datasheet
277Kb / 22P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
MAY 2006
IDTCV142 RENESAS-IDTCV142 Datasheet
280Kb / 21P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
logo
Integrated Device Techn...
IDTCV115-2 IDT-IDTCV115-2 Datasheet
107Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV144 IDT-IDTCV144 Datasheet
484Kb / 25P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV122CPVG IDT-IDTCV122CPVG Datasheet
183Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV123 IDT-IDTCV123 Datasheet
78Kb / 16P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV133 RENESAS-IDTCV133 Datasheet
312Kb / 27P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JANUARY 2005
IDTCV126 RENESAS-IDTCV126 Datasheet
260Kb / 17P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JUNE 22, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com