Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTCV123PV Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDTCV123PV
Description  PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCV123PV Datasheet(HTML) 4 Page - Integrated Device Technology

  IDTCV123PV Datasheet HTML 1Page - Integrated Device Technology IDTCV123PV Datasheet HTML 2Page - Integrated Device Technology IDTCV123PV Datasheet HTML 3Page - Integrated Device Technology IDTCV123PV Datasheet HTML 4Page - Integrated Device Technology IDTCV123PV Datasheet HTML 5Page - Integrated Device Technology IDTCV123PV Datasheet HTML 6Page - Integrated Device Technology IDTCV123PV Datasheet HTML 7Page - Integrated Device Technology IDTCV123PV Datasheet HTML 8Page - Integrated Device Technology IDTCV123PV Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
COMMERCIALTEMPERATURERANGE
4
IDTCV123
PROGRAMMABLEFLEXPC™CLOCKFORP4PROCESSOR
PIN DESCRIPTION (CONT.)
Pin Number
Name
Type
Description
43
CPUC1
OUT
Host 0.7V current mode differential clock output
44
CPUT1
OUT
Host 0.7V current mode differential clock output
45
VDD_CPU
PWR
3.3V
46
CPUC0
OUT
Host 0.7V current mode differential clock output
47
CPUT0
OUT
Host 0.7V current mode differential clock output
48
VSS_CPU
GND
GND
49
SCL
IN
SM bus clock
50
SDA
I/O
SM bus data
51
XTAL_OUT
OUT
Xtaloutput
52
XTAL_IN
IN
Xtalinput
53
VSS_REF
GND
GND
54
REF1/ FSA
I/O
14.318 MHz reference clock output. CPU frequency selection at VTT_PWRGD# assertion.
55
REF0/ FSC
I/O
14.318 MHz reference clock output. CPU frequency selection at VTT_PWRGD# assertion.
56
VDD_REF
PWR
3.3V
INDEX BLOCK WRITE PROTOCOL
Bit
# of bits
From
Description
1
1
Master
Start
2-9
8
Master
D2h
10
1
Slave
Ack (Acknowledge)
11-18
8
Master
Registeroffsetbyte(startingbyte)
19
1
Slave
Ack (Acknowledge)
20-27
8
Master
Byte count, N, (0 is not valid
28
1
Slave
Ack (Acknowledge)
29-36
8
Master
first data byte (Offset data byte)
37
1
Slave
Ack (Acknowledge)
38-45
8
Master
2nd data byte
46
1
Slave
Ack (Acknowledge)
:
Master
Nth data byte
Slave
Acknowledge
Master
Stop
INDEX BLOCK READ PROTOCOL
Master can stop reading any time by issuing the stop bit without waiting
until Nth byte (byte count bit30-37).
Bit
# of bits
From
Description
1
1
Master
Start
2-9
8
Master
D2H
10
1
Slave
Ack (Acknowledge)
11-18
8
Master
Registeroffsetbyte(startingbyte)
19
1
Slave
Ack (Acknowledge)
20
1
Master
RepeatedStart
21-28
8
Master
D3H
29
1
Slave
Ack (Acknowledge)
30-37
8
Slave
Byte count, N (block read back of N
bytes), power on is 8
38
1
Master
Ack (Acknowledge)
39-46
8
Slave
first data byte (Offset data byte)
47
1
Master
Ack (Acknowledge)
48-55
8
Slave
2nd data byte
Ack (Acknowledge)
:
Master
Ack (Acknowledge)
Slave
Nth data byte
Notacknowledge
Master
Stop
INDEX BYTE WRITE
Setting bit[11:18] = starting address, bit[20:27] = 01h.
INDEX BYTE READ
Setting bit[11:18] = starting address. After reading back the first data byte,
masterissuesStopbit.


Similar Part No. - IDTCV123PV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTCV123PV RENESAS-IDTCV123PV Datasheet
257Kb / 17P
   PROGRAMMABLE FLEXPC™ CLOCK FOR P4 PROCESSOR
MAY 2004
IDTCV123PVG RENESAS-IDTCV123PVG Datasheet
257Kb / 17P
   PROGRAMMABLE FLEXPC™ CLOCK FOR P4 PROCESSOR
MAY 2004
More results

Similar Description - IDTCV123PV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV125 IDT-IDTCV125 Datasheet
223Kb / 24P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV122C IDT-IDTCV122C Datasheet
183Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV152 IDT-IDTCV152 Datasheet
91Kb / 15P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV174C RENESAS-IDTCV174C Datasheet
277Kb / 22P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
MAY 2006
IDTCV142 RENESAS-IDTCV142 Datasheet
280Kb / 21P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
logo
Integrated Device Techn...
IDTCV115-2 IDT-IDTCV115-2 Datasheet
107Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV144 IDT-IDTCV144 Datasheet
484Kb / 25P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV122CPVG IDT-IDTCV122CPVG Datasheet
183Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV133 RENESAS-IDTCV133 Datasheet
312Kb / 27P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JANUARY 2005
IDTCV126 RENESAS-IDTCV126 Datasheet
260Kb / 17P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JUNE 22, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com