Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT386 Datasheet(PDF) 9 Page - Intel Corporation

Part # LXT386
Description  QUAD T1/E1/J1 Transceiver
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386 Datasheet(HTML) 9 Page - Intel Corporation

Back Button LXT386 Datasheet HTML 5Page - Intel Corporation LXT386 Datasheet HTML 6Page - Intel Corporation LXT386 Datasheet HTML 7Page - Intel Corporation LXT386 Datasheet HTML 8Page - Intel Corporation LXT386 Datasheet HTML 9Page - Intel Corporation LXT386 Datasheet HTML 10Page - Intel Corporation LXT386 Datasheet HTML 11Page - Intel Corporation LXT386 Datasheet HTML 12Page - Intel Corporation LXT386 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
9
2.0
Pin Assignments and Signal Description
Figure 3. LXT386 Low-Profile Quad Flate Package (LQFP) 100 Pin Assignments and Package
Markings
Package Topside Markings
Marking
Definition
Part #
Unique identifier for this product family.
Rev #
Identifies the particular silicon “stepping” — refer to the specification update for additional stepping information.
Lot #
Identifies the batch.
FPO #
Identifies the Finish Process Order.
VCC
GND
TDO
TRST
TMS
75
74
73
72
71
TDI
TCK
VCC
VCC
GND
GND
TCLK2
TPOS2
TNEG2
RCLK2
RPOS2
RNEG2
LOS2
TCLK3
TPOS3
TNEG3
RCLK3
RPOS3
RNEG3
LOS3
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
MOT
VCC
GND
VCC
GND
VCC
VCC
GND
GND
TCLK1
TPOS1
TNEG1
RCLK1
RPOS1
RNEG1
LOS1
TCLK0
TPOS0
TNEG0
RCLK0
RPOS0
RNEG0
LOS0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
R / W
DS
LXT386LE XX
XXXXXX
XXXXXXXX
Part #
LOT #
FPO #
Rev #


Similar Part No. - LXT386

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LXT380 PULSE-LXT380 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
   Octal E1 Line Interface Unit
More results

Similar Description - LXT386

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
DS26524 MAXIM-DS26524 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 102106
logo
List of Unclassifed Man...
DS21Q55 ETC-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Dallas Semiconductor
DS26528 DALLAS-DS26528_07 Datasheet
1Mb / 276P
   Octal T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS26522 MAXIM-DS26522 Datasheet
1Mb / 258P
   Dual T1/E1/J1 Transceiver
REV: 102106
logo
Dallas Semiconductor
DS21458 DALLAS-DS21458 Datasheet
1Mb / 270P
   Quad T1/E1/J1 Transceivers
logo
Maxim Integrated Produc...
DS21458DK MAXIM-DS21458DK Datasheet
1Mb / 32P
   Quad T1/E1/J1 Transceiver Design Kit Daughter Card
REV: 012506
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com