Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTP4557-08 Datasheet(PDF) 1 Page - Filtran LTD

Part # CTP4557-08
Description  Toroidal Inductors Medium Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CTP4557-08 Datasheet(HTML) 1 Page - Filtran LTD

  CTP4557-08 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toroidal Inductors
Medium Current
CTP4557
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
33-6
CTP4557 is a medium current inductor with the following data and features:
• Core type:
1.57” o.d., Moly-Permalloy
Powder, perm 60.
• Power rating: 4.50 watts for temp.
rise 50˚C.
• Typical applications:
Switching Inductors in
Switch Mode Power
Supplies.
Three mounting styles are offered:
1 Flying leads (1.00”), for vertical
or horizontal mounting.
2 4-pin header, for vertical mounting.
3 Threaded center hole, flying leads
(2.00”).
Style 1
Style 2
Style 3
1.80
0.85
0.80
1.00
1.90
0.70
1.20
0.90
1.80
1.80
0.85
Thread
#10-32
2.00
0.50
Ordering Information: Substitute the style number for the asterisk (*). Example: CTP4557, Style 1, 56uH.
Order: CTP4557 - 116
* 01
3.3
0.002
53.8
44.2
73.6
122.7
* 02
3.9
0.002
51.7
40.6
67.7
112.8
* 03
4.7
0.002
49.4
37.0
61.7
102.8
* 04
5.6
0.002
47.4
33.9
56.5
94.2
* 05
6.8
0.002
45.2
30.8
51.3
85.5
* 06
8.2
0.002
43.2
28.0
46.7
77.8
* 07
10
0.003
41.2
25.4
42.3
70.5
* 08
12
0.003
39.4
23.2
38.6
64.3
* 09
15
0.003
37.3
20.7
34.5
57.5
* 10
18
0.004
31.8
18.9
31.5
52.5
* 11
22
0.005
30.2
17.1
28.5
47.5
* 12
27
0.005
28.8
15.4
25.7
42.9
* 13
33
0.008
24.4
14.0
23.3
38.8
* 14
39
0.008
23.4
12.8
21.4
35.7
* 15
47
0.011
19.9
11.7
19.5
32.5
* 16
56
0.012
19.1
10.7
17.9
29.8
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4557 - (uH)
Ohms
Amp. RMS
10%
25%
50%
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4557 - (uH)
Ohms
Amp. RMS
10%
25%
50%
* 17
68
0.017
16.2
9.7
16.2
27.0
* 18
82
0.019
15.4
8.9
14.8
24.6
* 19
100
0.021
14.7
8.0
13.4
22.3
* 20
120
0.023
14.0
7.3
12.2
20.3
* 21
150
0.032
11.8
6.6
10.9
18.2
* 22
180
0.035
11.3
6.0
10.0
16.6
* 23
220
0.049
9.6
5.4
9.0
15.0
* 24
270
0.054
9.1
4.9
8.1
13.6
* 25
330
0.060
8.7
4.4
7.4
12.3
* 26
390
0.065
8.3
4.1
6.8
11.3
* 27
470
0.072
7.9
3.7
6.2
10.3
* 28
560
0.078
7.6
3.4
5.7
9.4
* 29
680
0.086
7.2
3.1
5.1
8.5
* 30
820
0.094
6.9
2.8
4.7
7.8
* 31
1000
0.131
5.9
2.5
4.2
7.0
* 32
1200
0.181
5.0
2.3
3.9
6.4


Similar Part No. - CTP4557-08

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4550 FILTRAN-CTP4550 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-01 FILTRAN-CTP4550-01 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-02 FILTRAN-CTP4550-02 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-03 FILTRAN-CTP4550-03 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
CTP4550-04 FILTRAN-CTP4550-04 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
More results

Similar Description - CTP4557-08

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4408 FILTRAN-CTP4408 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4555 FILTRAN-CTP4555 Datasheet
57Kb / 1P
   Toroidal Inductors Medium Current
CTP4407 FILTRAN-CTP4407 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4554 FILTRAN-CTP4554 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4410 FILTRAN-CTP4410 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4559 FILTRAN-CTP4559 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4411 FILTRAN-CTP4411 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4560 FILTRAN-CTP4560 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4409 FILTRAN-CTP4409 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4552 FILTRAN-CTP4552 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com