Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTP4561-03 Datasheet(PDF) 1 Page - Filtran LTD

Part # CTP4561-03
Description  Toroidal Inductors Medium Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CTP4561-03 Datasheet(HTML) 1 Page - Filtran LTD

  CTP4561-03 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toroidal Inductors
Medium Current
CTP4561
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
33-10
CTP4561 is a medium current inductor with the following data and features:
• Core type:
1.06” o.d., Moly-Permalloy
Powder, perm 125.
• Power rating: 2.16 watts for temp.
rise 50˚C.
• Typical applications:
Switching Inductors in
Switch Mode Power
Supplies.
Four mounting styles are offered:
1 Flying leads (1.00”), for vertical
or horizontal mounting.
2 4-pin header, for vertical mounting.
3 Threaded center hole, flying leads
(2.00”).
4 2-pin header, for vertical mounting.
Style 1
Style 2
Style 3
Style 4
1.25
0.65
0.80
1.00
1.30
0.60
0.90
0.80
1.30
1.25
0.72
Thread
#10-32
2.00
0.50
Ordering Information: Substitute the style number for the asterisk (*). Example: CTP4561, Style 1, 56uH.
Order: CTP4561 - 116
1.25
1.30
0.50
0.75
* 01
3.3
0.002
34.8
22.0
33.1
55.1
* 02
3.9
0.002
33.5
20.3
30.4
50.7
* 03
4.7
0.003
28.5
18.5
27.7
46.2
* 04
5.6
0.003
27.4
16.9
25.4
42.3
* 05
6.8
0.004
23.3
15.4
23.0
38.4
* 06
8.2
0.004
22.3
14.0
21.0
35.0
* 07
10
0.005
21.3
12.7
19.0
31.7
* 08
12
0.007
18.1
11.6
17.3
28.9
* 09
15
0.007
17.2
10.3
15.5
25.8
* 10
18
0.010
14.6
9.4
14.2
23.6
* 11
22
0.011
13.9
8.5
12.8
21.3
* 12
27
0.015
11.8
7.7
11.6
19.3
* 13
33
0.017
11.3
7.0
10.5
17.4
* 14
39
0.019
10.8
6.4
9.6
16.0
* 15
47
0.020
10.3
5.8
8.8
14.6
* 16
56
0.022
9.9
5.4
8.0
13.4
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4561 - (uH)
Ohms
Amp. RMS
10%
25%
50%
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4561 - (uH)
Ohms
Amp. RMS
10%
25%
50%
* 17
68
0.024
9.4
4.9
7.3
12.1
* 18
82
0.027
9.0
4.4
6.6
11.1
* 19
100
0.029
8.6
4.0
6.0
10.0
* 20
120
0.032
8.2
3.7
5.5
9.1
* 21
150
0.036
7.8
3.3
4.9
8.2
* 22
180
0.039
7.4
3.0
4.5
7.5
* 23
220
0.043
7.1
2.7
4.0
6.7
* 24
270
0.048
6.7
2.4
3.7
6.1
* 25
330
0.053
6.4
2.2
3.3
5.5
* 26
390
0.058
6.1
2.0
3.0
5.1
* 27
470
0.063
5.8
1.8
2.8
4.6
* 28
560
0.068
5.6
1.7
2.5
4.2


Similar Part No. - CTP4561-03

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4560 FILTRAN-CTP4560 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4560-01 FILTRAN-CTP4560-01 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4560-02 FILTRAN-CTP4560-02 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4560-03 FILTRAN-CTP4560-03 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4560-04 FILTRAN-CTP4560-04 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
More results

Similar Description - CTP4561-03

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4408 FILTRAN-CTP4408 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4555 FILTRAN-CTP4555 Datasheet
57Kb / 1P
   Toroidal Inductors Medium Current
CTP4407 FILTRAN-CTP4407 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4554 FILTRAN-CTP4554 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4557 FILTRAN-CTP4557 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4410 FILTRAN-CTP4410 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4559 FILTRAN-CTP4559 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4411 FILTRAN-CTP4411 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4560 FILTRAN-CTP4560 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4409 FILTRAN-CTP4409 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4552 FILTRAN-CTP4552 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com