Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTP4560-07 Datasheet(PDF) 1 Page - Filtran LTD

Part # CTP4560-07
Description  Toroidal Inductors Medium Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

CTP4560-07 Datasheet(HTML) 1 Page - Filtran LTD

  CTP4560-07 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toroidal Inductors
Medium Current
CTP4560
MECHANICAL
ELECTRICAL SPECIFICATION
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
An ISO 9001 Registered Company
33-9
CTP4560 is a medium current inductor with the following data and features:
• Core type:
0.80” o.d., Moly-Permalloy
Powder, perm 125.
• Power rating: 1.2 watts for temp.
rise 50˚C.
• Typical applications:
Switching Inductors in
Switch Mode Power
Supplies.
Four mounting styles are offered:
1 Flying leads (1.00”), for vertical
or horizontal mounting.
2 4-pin header, for vertical mounting.
3 Threaded center hole, flying leads
(2.00”).
4 2-pin header, for vertical mounting.
Style 1
Style 2
Style 3
Style 4
1.00
0.40
0.80
1.00
1.10
0.25
0.60
0.67
0.75
1.00
0.46
Thread
#6-32
2.00
0.50
Ordering Information: Substitute the style number for the asterisk (*). Example: CTP4560, Style 1, 56uH.
Order: CTP4560 - 116
0.85
1.05
0.45
0.60
* 01
3.3
0.003
19.3
11.6
17.4
29.1
* 02
3.9
0.003
18.5
10.7
16.0
26.7
* 03
4.7
0.004
17.8
9.7
14.6
24.4
* 04
5.6
0.004
17.0
8.9
13.4
22.3
* 05
6.8
0.007
12.9
8.1
12.2
20.3
* 06
8.2
0.008
12.4
7.4
11.1
18.4
* 07
10
0.009
11.8
6.7
10.0
16.7
* 08
12
0.009
11.3
6.1
9.1
15.2
* 09
15
0.017
8.5
5.5
8.2
13.6
* 10
18
0.018
8.1
5.0
7.5
12.4
* 11
22
0.020
7.7
4.5
6.8
11.3
* 12
27
0.022
7.4
4.1
6.1
10.2
* 13
33
0.024
7.0
3.7
5.5
9.2
* 14
39
0.027
6.7
3.4
5.1
8.5
* 15
47
0.029
6.4
3.1
4.6
7.7
* 16
56
0.032
6.2
2.8
4.2
7.1
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4560 - (uH)
Ohms
Amp. RMS
10%
25%
50%
Rated
I (amp.)
I (amp.)
I (amp.)
Part No.
Ind.
DCR
Current
@ Lsat.
@ Lsat.
@ Lsat.
CTP4560 - (uH)
Ohms
Amp. RMS
10%
25%
50%
* 17
68
0.035
5.9
2.6
3.8
6.4
* 18
82
0.038
5.6
2.3
3.5
5.8
* 19
100
0.042
5.3
2.1
3.2
5.3
* 20
120
0.046
5.1
1.9
2.9
4.8
* 21
150
0.051
4.8
1.7
2.6
4.3
* 22
180
0.070
4.1
1.6
2.4
3.9
* 23
220
0.098
3.5
1.4
2.1
3.6
* 24
270
0.137
3.0
1.3
1.9
3.2
* 25
330
0.152
2.8
1.2
1.7
2.9
* 26
390
0.209
2.4
1.1
1.6
2.7
* 27
470
0.229
2.3
1.0
1.5
2.4
* 28
560
0.250
2.2
0.9
1.3
2.2


Similar Part No. - CTP4560-07

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4561 FILTRAN-CTP4561 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4561-01 FILTRAN-CTP4561-01 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4561-02 FILTRAN-CTP4561-02 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4561-03 FILTRAN-CTP4561-03 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4561-04 FILTRAN-CTP4561-04 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
More results

Similar Description - CTP4560-07

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4408 FILTRAN-CTP4408 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4555 FILTRAN-CTP4555 Datasheet
57Kb / 1P
   Toroidal Inductors Medium Current
CTP4407 FILTRAN-CTP4407 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
CTP4554 FILTRAN-CTP4554 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4557 FILTRAN-CTP4557 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4410 FILTRAN-CTP4410 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4559 FILTRAN-CTP4559 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4411 FILTRAN-CTP4411 Datasheet
56Kb / 1P
   Toroidal Inductors Medium Current
CTP4409 FILTRAN-CTP4409 Datasheet
60Kb / 1P
   Toroidal Inductors Medium Current
CTP4552 FILTRAN-CTP4552 Datasheet
59Kb / 1P
   Toroidal Inductors Medium Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com