Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ030EZ5MZP Datasheet(PDF) 10 Page - Sharp Corporation

Part # PQ030EZ5MZP
Description  SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ030EZ5MZP Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PQ030EZ5MZP Datasheet HTML 3Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 4Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 5Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 6Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 7Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 8Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 9Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 10Page - Sharp Corporation PQ030EZ5MZP Datasheet HTML 11Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Low Power-Loss Voltage Regulators
PQxxxEZ5MZ Series/PQxxxEZ01Z Series
Fig.41 Ripple Rejection vs. Input Ripple
Frequency
Fig.42 Ripple Rejection vs. Output Current
Fig.43 Typical Application
Fig.44 Power Dissipation vs. Ambient
Temperature (Typical Value)
0.1
1
10
100
Input ripple frequency f (kHz)
35
40
45
50
55
60
65
70
75
ei(rms)
=0.5V
VC=2.7V
IO=0.3A
CO=47µF
Ta
=Room temp.
015(VIN=3.5V)
018(VIN=3.8V)
033(VIN=5.3V)
030(VIN=5V)
025(VIN=4.5V)
PQxxxEZ01Z
PQxxxEZ5MZ
40
45
50
55
60
65
70
75
80
0
0.25
0.5
0.75
1
Output current IO (A)
ei(rms)
=0.5V
f
=120Hz
VC=2.7V
CO=47µF
Ta
=Room temp.
015(VIN=3.5V)
030(VIN=5V)
025(VIN=4.5V)
PQxxxEZ01Z
PQxxxEZ5MZ
033(VIN=5.3V)
018(VIN=3.8V)
1
3
5
2
VO
VIN
CIN
CO
+
Load
ON/OFF signal
High:Output ON
Low or open:Output OFF
0
2
1
3
−20
0
20
406080
Ambient temperature Ta (°C)
Cu area 740mm
2
Cu area 180mm
2
Cu area 100mm
2
Cu area 70mm
2
Cu area 36mm
2
Material
: Glass-cloth epoxy resin
Size
: 50
×50×1.6mm
Cu thickness : 35
µm
PWB
PWB
Cu


Similar Part No. - PQ030EZ5MZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ030EZ5MZP SHARP-PQ030EZ5MZP Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ030EZ5MZPH SHARP-PQ030EZ5MZPH Datasheet
262Kb / 10P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ030EZ5MZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015YZ5MZ SHARP-PQ015YZ5MZ Datasheet
99Kb / 8P
   Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
   SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com