Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD3443-001 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # SD3443-001
Description  Silicon Phototransistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SD3443-001 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  SD3443-001 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SD3443-001 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SD3443-001 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SD3443-001 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Silicon Phototransistor
SD3443/5443
SWITCHING TIME TEST CIRCUIT
cir_03b.cdr
SWITCHING WAVEFORM
cir_004.cdr
Responsivity vs
Angular Displacement (SD3443)
gra_052.ds4
Angular displacement - degrees
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-60
-45
-30
-15
0
+15 +30 +45 +60
Fig. 1
Responsivity vs
Angular Displacement (SD5443)
gra_053.ds4
Angular displacement - degrees
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
-30
-20
-10
0
+10 +20 +30 +40
Fig. 2
Dark Current vs
Temperature
gra_303.cdr
Fig. 3
Non-Saturated Switching Time vs
Load Resistance
gra_041.ds4
Load resistance - Ohms
1
10
100
10
100
1000
10000
Fig. 4
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
110


Similar Part No. - SD3443-001

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SD34 BWTECH-SD34 Datasheet
346Kb / 4P
   Surface Mount High Current Density Schottky Rectifiers 3.0 Amp 40V
logo
VBsemi Electronics Co.,...
SD3400 VBSEMI-SD3400 Datasheet
486Kb / 9P
   N-Channel 30-V (D-S) MOSFET
SD3401 VBSEMI-SD3401 Datasheet
496Kb / 9P
   P-Channel 30 V (D-S) MOSFET
SD3402 VBSEMI-SD3402 Datasheet
475Kb / 9P
   N-Channel 30-V (D-S) MOSFET
SD3407 VBSEMI-SD3407 Datasheet
483Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - SD3443-001

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61048 MICROPAC-61048 Datasheet
95Kb / 2P
   SILICON PHOTOTRANSISTOR
61058 MICROPAC-61058 Datasheet
90Kb / 2P
   SILICON PHOTOTRANSISTOR
logo
Honeywell Accelerometer...
SD2440-004 HONEYWELL-ACC-SD2440-004 Datasheet
441Kb / 4P
   Silicon Phototransistor
logo
Vishay Siliconix
TEMT1020 VISHAY-TEMT1020 Datasheet
355Kb / 9P
   Silicon Phototransistor
Rev. 1.5, 08-Mar-05
logo
Honeywell Accelerometer...
SD2440-001 HONEYWELL-ACC-SD2440-001 Datasheet
441Kb / 4P
   Silicon Phototransistor
SD1440-004 HONEYWELL-ACC-SD1440-004 Datasheet
415Kb / 4P
   Silicon Phototransistor
SDP8436-004 HONEYWELL-ACC-SDP8436-004 Datasheet
455Kb / 4P
   Silicon Phototransistor
logo
List of Unclassifed Man...
ST-8LR2 ETC1-ST-8LR2 Datasheet
37Kb / 2P
   SILICON PHOTOTRANSISTOR
logo
OPTEK Technologies
OP570 OPTEK-OP570 Datasheet
342Kb / 4P
   Silicon Phototransistor
logo
Honeywell Accelerometer...
SD1440-002 HONEYWELL-ACC-SD1440-002 Datasheet
415Kb / 4P
   Silicon Phototransistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com