Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLA4891 Datasheet(PDF) 1 Page - Filtran LTD

Part # TLA4891
Description  Audio Line Matching Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

TLA4891 Datasheet(HTML) 1 Page - Filtran LTD

  TLA4891 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TLA4891 series transformers are
designed to interface telecommu-
nications equipment to a tele-
phone line, capable of handling
unbalanced DC.
Applications:
Low profile.
Up to 90 mA unbalanced line
current.
Exceeds the requirements of
FCC Part 68 and CS 03.
Line Impedance
Pri.
600
600
Ω c.t.
600
Sec.
600
600
Ω c.t
150/150
Turns Ratio
Pri. : Sec.
1 : 1
1 : 1
1 : 1
Winding Resistance, Ohms nom.
Pri.
75
75
75
Sec.
100
100
50 +50
Insertion Loss
@ 1000 Hz
1.7 dB
1.7 dB
1.7 dB
Frequency Response
300 - 3500 Hz
- 2.5 dB
- 2.5 dB
- 2.5 dB
Longitudinal Balance
300 - 3500 Hz
65 dB
65 dB
65 dB
Return Loss
300 - 3500 Hz
> 14.5 dB
> 14.5 dB
> 14.5 dB
DC Capability
90 mA
90 mA
90 mA
Dielectric Strength
1500 Vrms
1500 Vrms
1500 Vrms
P/N
L
W
H
A
B
C
S (DIA)
TLA4891
1.25
0.81
0.50
0.95
0.20
0.20
0.027
(31.8)
(20.4)
(12.7)
(24.13)
(5.08)
(5.08)
(0.68)
DIMENSIONS, Inches (mm)
1
Pri.
3
4
Sec.
6
Audio
Line Matching Transformer
TLA4891
Filtran Limited
229 Colonnade Road, Nepean, Ontario, Canada. K2E 3K7
8-8
Tel : (613) 226-1626 Fax : (613) 226-7124
TLA4891-1
TLA4891-2
TLA4891-3
1
Pri.
6
6
5 Sec.
4
1
Pri 2
3
2
5
Sec.
3
4
ELECTRICAL
TLA4891-1
TLA4891-2
TLA4891-3
MECHANICAL


Similar Part No. - TLA4891

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TLA4032 FILTRAN-TLA4032 Datasheet
24Kb / 1P
   Audio Line Matching Transformer
TLA4215 FILTRAN-TLA4215 Datasheet
42Kb / 1P
   Audio Hybrid Transformer
TLA4529 FILTRAN-TLA4529 Datasheet
51Kb / 1P
   Audio Line Matching Transformer
TLA4529-1 FILTRAN-TLA4529-1 Datasheet
51Kb / 1P
   Audio Line Matching Transformer
TLA4529-2 FILTRAN-TLA4529-2 Datasheet
51Kb / 1P
   Audio Line Matching Transformer
More results

Similar Description - TLA4891

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TLA3700 FILTRAN-TLA3700 Datasheet
117Kb / 1P
   Audio Line Matching Transformer
TLA6821 FILTRAN-TLA6821 Datasheet
114Kb / 1P
   Audio Line Matching Transformer
TEA5971 FILTRAN-TEA5971 Datasheet
39Kb / 1P
   Audio Line Matching Transformer
TLA6821-1 FILTRAN-TLA6821-1 Datasheet
114Kb / 1P
   Audio Line Matching Transformer
TPF0712 FILTRAN-TPF0712 Datasheet
32Kb / 1P
   Audio Line Matching Transformer
3853-2 FILTRAN-3853-2 Datasheet
135Kb / 1P
   Audio Line Matching Transformer
3853-X FILTRAN-3853-X Datasheet
140Kb / 1P
   Audio Line Matching Transformer
TLA4529 FILTRAN-TLA4529 Datasheet
51Kb / 1P
   Audio Line Matching Transformer
TEA4989 FILTRAN-TEA4989 Datasheet
52Kb / 1P
   Audio Line Matching Transformer
TLA0814 FILTRAN-TLA0814 Datasheet
27Kb / 1P
   Audio Line Matching Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com