Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KH600AI Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # KH600AI
Description  1GHz, Differential Input/Output Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KH600AI Datasheet(HTML) 5 Page - Fairchild Semiconductor

  KH600AI Datasheet HTML 1Page - Fairchild Semiconductor KH600AI Datasheet HTML 2Page - Fairchild Semiconductor KH600AI Datasheet HTML 3Page - Fairchild Semiconductor KH600AI Datasheet HTML 4Page - Fairchild Semiconductor KH600AI Datasheet HTML 5Page - Fairchild Semiconductor KH600AI Datasheet HTML 6Page - Fairchild Semiconductor KH600AI Datasheet HTML 7Page - Fairchild Semiconductor KH600AI Datasheet HTML 8Page - Fairchild Semiconductor KH600AI Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Output Offset vs. Temperature
0
-10
-20
-50
Temperature (
°C)
-40
-20
20
80
060
-30
-40
40
OUT1
OUT2
Inputs/outputs terminated
into 50
Ω to GND
Differential Output Offset vs. Temperature
4
1
0
-4
Temperature (
°C)
-40
-20
20
80
060
-1
--3
40
-2
3
2
Low Frequency Gain vs. Temperature
14.2
14.1
13.8
Temperature (
°C)
020
40
80
60
14
13.9
Clipping Response
Time (2ns/div)
8
6
4
2
0
-2
-4
-6
-8
KH600 Performance
(G = +5V/V (14dB), RL = 100Ω (differential), Ta = +25°C,
Characteristics
+Vb1 = +Vb2 = +Vs = +5V, -Vb = -Vs = -5V; unless noted)
KH600
DATA SHEET
REV. 1A February 2001
5


Similar Part No. - KH600AI

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
KH600AI CADEKA-KH600AI Datasheet
355Kb / 13P
   1GHz, Differential Input/Output Amplifier
More results

Similar Description - KH600AI

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
KH600 CADEKA-KH600 Datasheet
355Kb / 13P
   1GHz, Differential Input/Output Amplifier
logo
STMicroelectronics
STEVAL-CCA023V1 STMICROELECTRONICS-STEVAL-CCA023V1 Datasheet
79Kb / 4P
   Fully differential input/output
logo
ON Semiconductor
MC4741C ONSEMI-MC4741C Datasheet
138Kb / 6P
   DIFFERENTIAL INPUT OPERATIONAL AMPLIFIER
REV 5
logo
Frequency Devices, Inc.
D86-60-D FREQUENCYDEVICES-D86-60-D Datasheet
193Kb / 2P
   Differential Input Buffer Amplifier
logo
Linear Technology
LTC1992 LINER-LTC1992 Datasheet
513Kb / 40P
   Low Power, Fully Differential Input/Output Amplifier/Driver Family
LTC1992 LINER-LTC1992_15 Datasheet
501Kb / 42P
   Low Power, Fully Differential Input/Output Amplifier/Driver Family
logo
NEC
UPC1663 NEC-UPC1663 Datasheet
93Kb / 16P
   DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
   1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
Analog Devices
LTC6403-1 AD-LTC6403-1 Datasheet
264Kb / 22P
   Low Noise, Low Power Fully Differential Input/Output Amplifier/Driver
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
[Old version datasheet]   1W differential input/output audio power amplifier with selectable standby
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com