Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6603 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GM6603
Description  3.0A PRECISION LINEAR REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GM6603 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GM6603 Datasheet HTML 2Page - List of Unclassifed Manufacturers GM6603 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM6603 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM6603 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM6603 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM6603 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM6603 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM6603 Datasheet HTML 9Page - List of Unclassifed Manufacturers GM6603 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
APPLICATION INFORMATION
The GM6603 series linear regulators provide fixed and
adjustable output voltages at currents up to 3.0A.
These regulators are protected against overcurrent con-
ditions and include thermal shutdown protection. The
GM6603's have a composite PNP-PN output transistor
and require an output capacitor for stability.
A detailed procedure for selecting this capacitor fol-
lows.
Stability Considerations
The output compensation capacitor helps to determine
three main characteristics of a linear regulator's perfor-
mance: start-up delay, load transient response, and
loop stability. The capacitor value and type is based on
cost, availability, size and temperature constraints. A
tantalum or aluminum electrolytic capacitor is pre-
ferred, as a film or ceramic capacitor with almost zero
ESR can cause instability. An aluminum electrolytic ca-
pacitor is the least expensive type, but when the circuit
operates at low temperatures, both the value and ESR
of the capacitor will vary widely. For optimum perfor-
mance over the full operating temperature range, a tan-
talum capacitor is best. A 22µF tantalum capacitor will
work fine in most applications, but with high current reg-
ulators such as the GM6603 higher capacitance values
will improve the transient response and stability. Most
applications for the GM6603's involve large changes in
load current, so the output capacitor must supply in-
stantaneous load current. The ESR of the output ca-
pacitor causes an immediate drop in output voltage
given by:
In microprocessor applications an output capacitor net-
work of several tantalum and ceramic capacitors in par-
allel is commonly used. This reduces overall ESR and
minimizes the instantaneous output voltage drop under
transient load conditions. The output capacitor network
should be placed as close to the load as possible for
Protection Diodes
When large external capacitors are used with most
linear regulator it is wise to add protection diodes. If
the input voltage of the regulator is shorted, the out-
put capacitor will discharge into the output of the reg-
ulator. The discharge current depends on the value
of capacitor, output voltage and rate at which VIN
drops.
In the GM6603 linear regulators, the discharge path
is through a large junction, and protection diodes are
normally not needed. However, if the regulator is
used with large output capacitance values and the in-
put voltage is instantaneously shorted to ground,
damage can occur. In this case, a diode connected
as shown above in Figure 1.
DV = I x ESD
D
(a),(b)
FIGURE 1
. Protection Diode Scheme for
Large Output Capacitors
(a) Fixed Version
(b) Adjustable Version
V
IN
V
OUT
C
ADJ
GM6603-Adj
ADJ
V
IN
V
OUT
C1
C2
R1
R2
GM6603-3.3
GND
V
IN
V
OUT
C1
IN4002
IN4002
C2
V
IN
V
OUT
GM6603
6


Similar Part No. - GM6603

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603-1.5TA3R GAMMA-GM6603-1.5TA3R Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603-1.5TA3T GAMMA-GM6603-1.5TA3T Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
More results

Similar Description - GM6603

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300_10 Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
SG Micro Corp
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com