Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX74063-36 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # CX74063-36
Description  RF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM, GPRS, and EDGE Applications
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74063-36 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button CX74063-36 Datasheet HTML 6Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 7Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 9Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 10Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 11Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 12Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 13Page - Skyworks Solutions Inc. CX74063-36 Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Data Sheet I CX74063-34/-35/-36
10
Skyworks Solutions, Inc., Proprietary and Confidential
NOVEMBER 25, 2003
[781] 376-3000 I FAX [781] 376-3100 I SALES@SKYWORKSINC.COM I WWW.SKYWORKSINC.COM
103116C
S092
40 dB
22 dB
Mixer
+ RC Filter
High
Low
10 dB
–2 dB
LPF1
High
Low
6 dB
0 dB
AUX
High
Low
VGA2
Max
(in 6 dB steps)
30 dB
Min
0 dB
VGA1 +GMC
Max
(in 6 dB steps)
30 dB
Min
0 dB
RXIP
RXIN
RXQP
RXQN
LNA
Mixer + RC Filter
LPF1
VGA2
VGA1 + GMC Filter
+ Aux
15 dB
–5 dB
GSM LNA
High
Low
4 dB
2 dB
VGA1 Fine
Max
Mid
Min
0 dB
DCS LNA
High
15 dB
Low
–7 dB
5.0 dB
DCS1800
Additional Interstage Losses
GSM900
4.2 dB
PCS1900
6.2 dB
PCS LNA
High
15 dB
Low
–5 dB
Figure 3. Gain Control Settings
RXENA
101953A 3_012902
t
T_H1
t
T_H2
t
T_H3
Front End
Enable
t
FEENA
DC Offset Correction Loop 1
(LNA off)
Track mode
Hold mode (Loop
1)
DC Offset Correction Loop 2
Track mode
DC Offset Correction Loop 3
Hold mode (Loop
2)
Track mode
Hold mode (Loop
3)
Start of RX slot
Note 1. t
T_H1, tT_H2, tT_H3, and tFEENA are programmed in Register 2.
(Note 1)
(Note 1)
(Note 1)
(LNA on)
(Note 1)
Figure 4. DC Offset Correction Timing (LNA Off During All of the DC Offset Correction Sequence)


Similar Part No. - CX74063-36

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74063-26 SKYWORKS-CX74063-26 Datasheet
1Mb / 59P
   RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
More results

Similar Description - CX74063-36

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74063 SKYWORKS-CX74063 Datasheet
118Kb / 2P
   RF Transceiver for Multi-Band GSM/GPRS/EDGE Applications with Integrated Crystal Oscillator and Power Ramping Controller
CX74063-26 SKYWORKS-CX74063-26 Datasheet
1Mb / 59P
   RF Transceiver for Multi-Band GSM, GPRS, and EDGE Applications with Power Ramping Controller and Integrated Crystal Oscillator with 26 MHz Output
SKY74963 SKYWORKS-SKY74963 Datasheet
64Kb / 2P
   SKY74963: RF Transceiver With Power Ramping Controller and Integrated Crystal Oscillator for Multi-Band GSM, GPRS, and EDGE Applications
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
CX20460 ETC-CX20460 Datasheet
144Kb / 4P
   Power Management Integrated Circuit for GSM and GPRS Applications
CX20505 ETC-CX20505 Datasheet
99Kb / 4P
   Integrated Analog Device for GSM and GPRS Applications
logo
Silicon Laboratories
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com