Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6603-ATB3T Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GM6603-ATB3T
Description  3.0A PRECISION LINEAR REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GM6603-ATB3T Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GM6603-ATB3T Datasheet HTML 1Page - List of Unclassifed Manufacturers GM6603-ATB3T Datasheet HTML 2Page - List of Unclassifed Manufacturers GM6603-ATB3T Datasheet HTML 3Page - List of Unclassifed Manufacturers GM6603-ATB3T Datasheet HTML 4Page - List of Unclassifed Manufacturers GM6603-ATB3T Datasheet HTML 5Page - List of Unclassifed Manufacturers GM6603-ATB3T Datasheet HTML 6Page - List of Unclassifed Manufacturers GM6603-ATB3T Datasheet HTML 7Page - List of Unclassifed Manufacturers GM6603-ATB3T Datasheet HTML 8Page - List of Unclassifed Manufacturers GM6603-ATB3T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ELECTRICAL CHARACTERISTICS
(Typicals and limits appearing in normal type apply for T = 25°C)
J
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Reference Voltage
Output Voltage
GM6603-Adj
GM6603-1.8
GM6603-2.5
GM6603-3.3
GM6603-5.0
VREF
VO
I
=10mA, V -V
=1.5V
OUT
IN
OUT
10mA
I
3A, 3.3V V
7V
OUT
IN
I
=10mA, V =3.3V
OUT
IN
10mA
I
3A, 3.3V V
7V
OUT
IN
I
=10mA, V =4V
OUT
IN
10mA
I
3A, 4V V
7V
OUT
IN
I
=10mA, V =4.8V
OUT
IN
10mA
I
3A, 4.8V V
7V
OUT
IN
I
=10mA, V =6.5V
OUT
IN
10mA
I
3A, 6.5V V
7V
OUT
IN
1.238
1.230
1.782
1.764
2.475
2.450
3.267
3.234
4.950
4.900
1.250
1.250
1.800
1.800
2.500
2.500
3.300
3.300
5.000
5.000
1.262
1.270
1.818
1.836
2.525
2.550
3.333
3.366
5.050
5.100
V
V
V
V
V
Line Regulation
Load Regulation
GM6603-Adj
GM6603-Adj
GM6603-1.8
GM6603-1.8
GM6603-2.5
GM6603-2.5
GM6603-3.3
GM6603-3.3
GM6603-5.0
GM6603-5.0
REGLINE
REGLOAD
0.04
0.04
0.04
0.04
0.2
0.2
0.2
0.2
0.2
1.15
4
1.7
0.20
0.20
0.20
0.20
0.40
0.40
0.40
0.40
0.40
1.3
5
%
%
I
=10mA, 3.3V
V
7V
OUT
IN
I
=10mA, 4V
V
7V
OUT
IN
I
=10mA, 4.8V
V
7V
OUT
IN
I
=10mA, 6.5V
V
7V
OUT
IN
V -V
=1.5V, 10mA
I
3A
IN
OUT
O
V =3.8V, 10mA
I
3A
IN
O
V =4.5V, 10mA
I
3A
IN
O
V =5.3V, 10mA
I
3A
IN
O
V =7V, 10mA
I
3A
IN
O
Dropout Voltage
Current Limit
Minimum Load Current
GM6603-Adj
VD
ICL
IO MIN
I
=3A
OUT
V -V
=3V
IN
OUT
V =5V
IN
3
V
A
mA
mA
Quiescent Current
GM6603-1.8
GM6603-2.5
GM6603-3.3
GM6603-5.0
IQ
5
5
5
5
10
10
10
10
V =3.3V, 10mA
I
3A
IN
O
V =4.0V, 10mA
I
3A
IN
O
V =4.8V, 10mA
I
3A
IN
O
V =6.5V, 10mA
I
3A
IN
O
55
0.005
0.003
72
90
Adjust Pin Current
Temperature Coefficient
Thermal Regulation
Ripple Rejection
I
=10mA, 2.65V
V
7V
OUT
IN
V -V
=1.5V, I
=10mA
IN
OUT
OUT
T =25°C, 30ms pulse
A
60
µA
%/W
dB
GM6603-Adj
IADJ
TC
RA
V -V
=1.5V, I
=3A
IN
OUT
OUT
%/°C
I
=10mA,
OUT
0.04
0.20
GM6603
5


Similar Part No. - GM6603-ATB3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603-ATB3T GAMMA-GM6603-ATB3T Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603-ATB3T GAMMA-GM6603-ATB3T Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603-ATB3T GAMMA-GM6603-ATB3T Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603-ATB3TG GAMMA-GM6603-ATB3TG Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6603-ATB3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300_10 Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
SG Micro Corp
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com