Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68EC040V Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC68EC040V
Description  M68000-compatible, high-performance, 32-bit microprocessors
Download  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68EC040V Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC68EC040V Datasheet HTML 3Page - Motorola, Inc MC68EC040V Datasheet HTML 4Page - Motorola, Inc MC68EC040V Datasheet HTML 5Page - Motorola, Inc MC68EC040V Datasheet HTML 6Page - Motorola, Inc MC68EC040V Datasheet HTML 7Page - Motorola, Inc MC68EC040V Datasheet HTML 8Page - Motorola, Inc MC68EC040V Datasheet HTML 9Page - Motorola, Inc MC68EC040V Datasheet HTML 10Page - Motorola, Inc MC68EC040V Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 442 page
background image
MOTOROLA
M68040 USER’S MANUAL
ix
TABLE OF CONTENTS (Continued)
Paragraph
Page
Number
Title
Number
5.4.2
Transfer in Progress (TIP) ................................................................. 5-8
5.4.3
Transfer Acknowledge (TA) ...............................................................5-8
5.4.4
Transfer Error Acknowledge (TEA) .................................................... 5-8
5.4.5
Transfer Cache Inhibit (TCI) .............................................................. 5-9
5.4.6
Transfer Burst Inhibit (TBI) ................................................................. 5-9
5.5
Snoop Control Signals...........................................................................5-9
5.5.1
Snoop Control (SC1, SC0) ................................................................ 5-9
5.5.2
Memory Inhibit (MI)............................................................................ 5-9
5.6
Arbitration Signals .................................................................................5-10
5.6.1
Bus Request (BR) ..............................................................................5-10
5.6.2
Bus Grant (BG) .................................................................................. 5-10
5.6.3
Bus Busy (BB)....................................................................................5-10
5.7
Processor Control Signals .....................................................................5-10
5.7.1
Cache Disable (CDIS)........................................................................ 5-10
5.7.2
Reset In (RSTI) .................................................................................. 5-11
5.7.3
Reset Out (RSTO)..............................................................................5-11
5.8
Interrupt Control Signals........................................................................5-11
5.8.1
Interrupt Priority Level (IPL2–IPL0).................................................... 5-11
5.8.2
Interrupt Pending Status (IPEND) ......................................................5-12
5.8.3
Autovector (AVEC) ............................................................................. 5-12
5.9
Status And Clock Signals ......................................................................5-12
5.9.1
Processor Status (PST3–PST0) ........................................................5-12
5.9.2
Bus Clock (BCLK) ..............................................................................5-14
5.9.3
Processor Clock (PCLK)—Not on MC68040V and MC68EC040V ... 5-14
5.10
MMU Disable (MDIS)—Not on MC68EC040 .........................................5-14
5.11
Data Latch Enable (DLE)—Only on MC68040...................................... 5-14
5.12
Test Signals ..........................................................................................5-15
5.12.1
Test Clock (TCK) ...............................................................................5-15
5.12.2
Test Mode Select (TMS) ....................................................................5-15
5.12.3
Test Data In (TDI) ..............................................................................5-15
5.12.4
Test Data Out (TDO) ......................................................................... 5-15
5.12.5
Test Reset (TRST)—Not on MC68040V and MC68EC040V............. 5-15
5.13
Power Supply Connections ................................................................... 5-15
5.14
Signal Summary ....................................................................................5-16
Section 6
IEEE 1149.1 Test Access Port (JTAG)
6.1
Overview ............................................................................................... 6-2
6.2
Instruction Shift Register .......................................................................6-3
6.2.1
EXTEST .............................................................................................6-3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68EC040V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68EC040V MOTOROLA-MC68EC040V Datasheet
3Mb / 442P
   Freescale Semiconductor, Inc.
More results

Similar Description - MC68EC040V

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68020RC25E FREESCALE-MC68020RC25E Datasheet
1Mb / 306P
   Object-Code Compatible with Earlier M68000 Microprocessors
MC68060RC50 FREESCALE-MC68060RC50 Datasheet
86Kb / 10P
   Superscalar 32-Bit Microprocessors
M68020 FREESCALE-M68020 Datasheet
9Mb / 313P
   The first full 32-bit implementation of the M68000 family of microprocessors from Motorola
logo
Advanced Micro Devices
AM29116 AMD-AM29116 Datasheet
2Mb / 44P
   High-Performance 16-Bit Bipolar Microprocessors
logo
Microchip Technology
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
   32-BIT ARM-BASED MICROPROCESSORS
2017
logo
List of Unclassifed Man...
ARM7TDMI ETC-ARM7TDMI Datasheet
1Mb / 268P
   general purpose 32-bit microprocessors
logo
Freescale Semiconductor...
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
logo
Silicon Laboratories
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
   High Performance 32-bit processor
logo
Freescale Semiconductor...
MC68000UM FREESCALE-MC68000UM Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com