Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF34M1-LCDATXX Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # MF34M1-LCDATXX
Description  8/16-bit Data Bus Static RAM Card
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF34M1-LCDATXX Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button MF34M1-LCDATXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF34M1-LCDATXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF34M1-LCDATXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF34M1-LCDATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF34M1-LCDATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF34M1-LCDATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF34M1-LCDATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF34M1-LCDATXX Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF34M1-LCDATXX Datasheet HTML 11Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MITSUBISHI MEMORY CARD
STATIC RAM CARDS
MITSUBISHI
ELECTRIC
9/11
TIMING DIAGRAM (Attribute)
Read Cycle
WE#=“H” level
REG#=“L” level
Note 6 : Test Conditions
Input pulse levels : V IL =0.4V, V IH =4.0V
Input pulse rise, fall time : tr=tf=10ns
Reference voltage
Input :
VIL =0.8V, V IH =3.5V
Output : V OL =0.8V, V OH =3.0V
(ten and tdis are measured when output voltage is± 500mV from steady state. )
Load :
100pF+1 TTL gate
5pF+1 TTL gate (at ten and tdis measuring)
7 : Writing is executed in overlap of CE# and WE# are “L” level. (only for Common Memory)
8 : Don’t apply inverted phase signal externally when Dm pin is in output mode.
9 : CE# is indicated as follows:
Read A/Write A : CE#=CE1#=CE2#
Read B/Writ e B : CE#=CE1#, CE2#=“H” level
Read C/Write C : CE#=CE2#, CE1#=“H” level
tCRR
t
a(A)R
ta(CE)R
ten(CE)R
ten(OE)R
tdis(OE)R
tV(A)R
ta(OE)R
OUTPUT VALID
Hi-Z
tdis(CE)R
An
VIH
Dm
(DOUT)
VOH
VOL
OE#
VIH
VIL
CE#
VIH
VIL
VIL


Similar Part No. - MF34M1-LCDATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF34M1-LYCATXX MITSUBISHI-MF34M1-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF34M1-LZCATXX MITSUBISHI-MF34M1-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
More results

Similar Description - MF34M1-LCDATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF38M1-LCDAGXX MITSUBISHI-MF38M1-LCDAGXX Datasheet
258Kb / 9P
   8/16-bit Data Bus Static RAM Card
MF38M1-L6DAGXX MITSUBISHI-MF38M1-L6DAGXX Datasheet
316Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-J9CATXX MITSUBISHI-MF365A-J9CATXX Datasheet
102Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com