Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6251-3.2ST89R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GM6251-3.2ST89R
Description  ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GM6251-3.2ST89R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GM6251-3.2ST89R Datasheet HTML 2Page - List of Unclassifed Manufacturers GM6251-3.2ST89R Datasheet HTML 3Page - List of Unclassifed Manufacturers GM6251-3.2ST89R Datasheet HTML 4Page - List of Unclassifed Manufacturers GM6251-3.2ST89R Datasheet HTML 5Page - List of Unclassifed Manufacturers GM6251-3.2ST89R Datasheet HTML 6Page - List of Unclassifed Manufacturers GM6251-3.2ST89R Datasheet HTML 7Page - List of Unclassifed Manufacturers GM6251-3.2ST89R Datasheet HTML 8Page - List of Unclassifed Manufacturers GM6251-3.2ST89R Datasheet HTML 9Page - List of Unclassifed Manufacturers GM6251-3.2ST89R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Parameter
Symbol
Min
Typ
Max
Unit Circuit
Condition
Load Stability
Input - Output
(Note 3)
Voltage Differential
DVOUT
Vdif1
Vdif1
Vdif1
Vdif1
Vdif1
Vdif1
Vdif1
Vdif1
Vdif1
Vdif1
Vdif1
Vdif1
Vdif1
Vdif2
Vdif2
Vdif2
Vdif2
Vdif2
Vdif2
Vdif2
Vdif2
Vdif2
Vdif2
Vdif2
Vdif2
Vdif2
V =2.8V, 1mA
I
60mA
IN
OUT
V =3.5V, 1mA
I
80mA
IN
OUT
V =4.3V, 1mA
I
100mA
IN
OUT
V =4.5V, 1mA
I
100mA
IN
OUT
V =4.6V, 1mA
I
100mA
IN
OUT
V =5.0V, 1mA
I
100mA
IN
OUT
V =5.4V, 1mA
I
100mA
IN
OUT
V =5.5V, 1mA
I
100mA
IN
OUT
V =6.0V, 1mA
I
100mA
IN
OUT
I
= 60mA
OUT
I
= 80mA
OUT
I
= 80mA
OUT
I
= 80mA
OUT
I
= 80mA
OUT
I
= 80mA
OUT
I
= 100mA
OUT
I
= 100mA
OUT
I
= 100mA
OUT
I
= 100mA
OUT
I
= 100mA
OUT
I
= 100mA
OUT
I
= 100mA
OUT
I
= 160mA
OUT
I
= 160mA
OUT
I
= 160mA
OUT
I
= 160mA
OUT
I
= 160mA
OUT
I
= 160mA
OUT
I
= 200mA
OUT
I
= 200mA
OUT
I
= 200mA
OUT
I
= 200mA
OUT
I
= 200mA
OUT
I
= 200mA
OUT
I
= 200mA
OUT
45
45
45
45
45
45
45
45
45
40
40
40
40
90
90
90
90
90
90
90
90
90
80
80
80
80
mV
1
180
180
180
180
180
180
170
120
120
120
170
120
120
360
360
360
360
360
360
330
300
300
300
330
300
300
900
550
400
400
400
400
400
380
380
380
400
380
380
1300
850
700
700
700
700
630
600
600
600
630
600
600
mV
1
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
GM6251
6
GM6251-1.8V
GM6251-5.0V
GM6251-2.5V
GM6251-2.7V
GM6251-2.8V
GM6251-3.0V
GM6251-3.2V
GM6251-3.3V
GM6251-3.5V
GM6251-3.6V
GM6251-4.0V
GM6251-4.4V
GM6251-4.5V
GM6251-1.8V
GM6251-5.0V
GM6251-2.5V
GM6251-2.7V
GM6251-2.8V
GM6251-3.0V
GM6251-3.2V
GM6251-3.3V
GM6251-3.5V
GM6251-3.6V
GM6251-4.0V
GM6251-4.4V
GM6251-4.5V
V =3.7V, 1mA
I
80mA
IN
OUT
V =3.8V, 1mA
I
80mA
IN
OUT
V =4.0V, 1mA
I
80mA
IN
OUT
V =4.2V, 1mA
I
80mA
IN
OUT


Similar Part No. - GM6251-3.2ST89R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6251-3.2ST89R GAMMA-GM6251-3.2ST89R Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251-3.2ST89R GAMMA-GM6251-3.2ST89R Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6251-3.2ST89R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350_09 Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251_1 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com