Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6603-3.3TC3R Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GM6603-3.3TC3R
Description  3.0A PRECISION LINEAR REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GM6603-3.3TC3R Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GM6603-3.3TC3R Datasheet HTML 2Page - List of Unclassifed Manufacturers GM6603-3.3TC3R Datasheet HTML 3Page - List of Unclassifed Manufacturers GM6603-3.3TC3R Datasheet HTML 4Page - List of Unclassifed Manufacturers GM6603-3.3TC3R Datasheet HTML 5Page - List of Unclassifed Manufacturers GM6603-3.3TC3R Datasheet HTML 6Page - List of Unclassifed Manufacturers GM6603-3.3TC3R Datasheet HTML 7Page - List of Unclassifed Manufacturers GM6603-3.3TC3R Datasheet HTML 8Page - List of Unclassifed Manufacturers GM6603-3.3TC3R Datasheet HTML 9Page - List of Unclassifed Manufacturers GM6603-3.3TC3R Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
P
P
GM6603
9
TO-220 PACKAGE OUTLINE DIMENSIONS
9.90 ± 0.20
3.60 ± 0.20
1.50 DP0.20
3.70 ± 0.20
1.30
2.80 ± 0.10
1.52 ± 0.10
0.80 ± 0.10
2.54 TYP
(2.54 ± 0.20)
0.50
2.40 ± 0.20
Unit: mm
1.30 ± 0.10
4.50 ± 0.20
8.70
1.70
4.60
1.46
1.00
3.00
45°
+0.1
-0.05
+0.1
-0.05
8.0
7.0
7.0
0.9
3-R0.2
10.00 ± 0.20
8.40
1.27 ± 0.10
2 - R 0.3
TO-263-2 PACKAGE OUTLINE DIMENSIONS
Pad Layout
9.90 ± 0.20
15°
0.40
1.50 DP0.20
9.20 ± 0.20
4.90 ± 0.20
15.3 ± 0.20
1.27 ± 0.10
0.90 ± 0.10
2.54 TYP
(2.54 ± 0.20)
1.4 ± 0.20
4.50 ± 0.20
1.30
+0.1
-0.05
0.10 ± 0.01
2.40 ± 0.20
2.00 ± 0.10
R0.30
R0.30
2.54 ± 0.10
0.50
+0.1
-0.05
4.0
7.0
10.0 ± 0.20
0.40
0.90
7.2
9.20 ± 0.20
4.90 ± 0.20
Unit: mm
10.00 ± 0.20
0.33
8.38
0.63
17.02
0.12
3.05
0.04
1.016
0.24
6.096
0.42
10.66
Inches
mm
(
)
1.20
R 0.45
0.75
R 0.3


Similar Part No. - GM6603-3.3TC3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603-3.3TC3R GAMMA-GM6603-3.3TC3R Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603-3.3TC3R GAMMA-GM6603-3.3TC3R Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603-3.3TC3R GAMMA-GM6603-3.3TC3R Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603-3.3TC3RG GAMMA-GM6603-3.3TC3RG Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6603-3.3TC3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300_10 Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
SG Micro Corp
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com