Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM6251-3.6T92B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GM6251-3.6T92B
Description  ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GM6251-3.6T92B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GM6251-3.6T92B Datasheet HTML 3Page - List of Unclassifed Manufacturers GM6251-3.6T92B Datasheet HTML 4Page - List of Unclassifed Manufacturers GM6251-3.6T92B Datasheet HTML 5Page - List of Unclassifed Manufacturers GM6251-3.6T92B Datasheet HTML 6Page - List of Unclassifed Manufacturers GM6251-3.6T92B Datasheet HTML 7Page - List of Unclassifed Manufacturers GM6251-3.6T92B Datasheet HTML 8Page - List of Unclassifed Manufacturers GM6251-3.6T92B Datasheet HTML 9Page - List of Unclassifed Manufacturers GM6251-3.6T92B Datasheet HTML 10Page - List of Unclassifed Manufacturers GM6251-3.6T92B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Parameter
Symbol
Min
Typ
Max
Unit Circuit
Condition
Output Current Limit
1.0
500
-
mA
Supply Current
ISS
V
= 2.8V
IN
V
= 3.5V
IN
V
= 3.7V
IN
V
= 3.8V
IN
V
= 4.0V
IN
V
= 4.2V
IN
V
= 4.3V
IN
V
= 4.5V
IN
V
= 4.6V
IN
V
= 5.0V
IN
V
= 5.4V
IN
V
= 5.5V
IN
V
= 6.0V
IN
2.9
µA
2
Input Voltage
Output Voltage
Temperature Characteristics
VIN
DVOUT
DTopr • VOUT
I
= 40mA
OUT
2.8V
V
10.0V
IN
I
= 40mA
OUT
3.5V
V
10.0V
IN
I
= 40mA
OUT
3.7V
V
10.0V
IN
I
= 40mA
OUT
3.8V
V
10.0V
IN
I
= 40mA
OUT
4.0V
V
10.0V
IN
I
= 40mA
OUT
4.2V
V
10.0V
IN
I
= 40mA
OUT
4.3V
V
10.0V
IN
I
= 40mA
OUT
4.5V
V
10.0V
IN
I
= 40mA
OUT
4.6V
V
10.0V
IN
I
= 40mA
OUT
5.0V
V
10.0V
IN
I
= 40mA
OUT
5.4V
V
10.0V
IN
I
= 40mA
OUT
5.5V
V
10.0V
IN
I
= 40mA
OUT
6.0V
V
10.0V
IN
I
= 10mA
OUT
-30°C
Topr 80°C
0.2
0.3
%/ V
1
10
V
-
±100
ppm/°C
1
Input Stability
DVOUT
DVIN • VOUT
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
GM6251-1.8V
GM6251-5.0V
GM6251-2.5V
GM6251-2.7V
GM6251-2.8V
GM6251-3.0V
GM6251-3.2V
GM6251-3.3V
GM6251-3.5V
GM6251-3.6V
GM6251-4.0V
GM6251-4.4V
GM6251-4.5V
GM6251-1.8V
GM6251-5.0V
GM6251-2.5V
GM6251-2.7V
GM6251-3.0V
GM6251-3.2V
GM6251-3.3V
GM6251-3.5V
GM6251-3.6V
GM6251-4.0V
GM6251-4.4V
GM6251-4.5V
GM6251-2.8V
GM6251
7
Note: 1. V
(T) = Specified Output Voltage
OUT
2. V
(E) = Effective Output Voltage (the output voltage when"V
(T) + 1.0V" is provided at the V
pin while
OUT
OUT
IN
maintaining a certain I
value)
OUT
3. Vdif = { V 1 (Note 4) - V
(E)}
IN
OUT
4. V 1 = The input voltage at the time 98% of V
(E) is output (input voltage has been gradually reduced).
IN
OUT
* Output Voltage from 1.8V to 6.0V in 0.1V increments ate available


Similar Part No. - GM6251-3.6T92B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6251-3.6T92B GAMMA-GM6251-3.6T92B Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251-3.6T92B GAMMA-GM6251-3.6T92B Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6251-3.6T92B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350_09 Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251_1 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com