Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL035N03 Datasheet(PDF) 2 Page - Rohm

Part # RTL035N03
Description  2.5V Drive Nch MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTL035N03 Datasheet(HTML) 2 Page - Rohm

  RTL035N03 Datasheet HTML 1Page - Rohm RTL035N03 Datasheet HTML 2Page - Rohm RTL035N03 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RTL035N03
Transistors
2/2
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
10
µAVGS=12V, VDS=0V
VDD
15V
30
−−
VID= 1mA, VGS=0V
−−
1
µAVDS= 30V, VGS=0V
0.5
1.5
V
VDS= 10V, ID= 1mA
40
56
ID= 3.5A, VGS= 4.5V
42
59
m
m
m
ID=3.5A, VGS= 4V
56
79
ID= 3.5A, VGS= 2.5V
3
−−
SVDS= 10V, ID= 3.5A
350
pF
VDS= 10V
90
55
pF
VGS=0V
9
pF
f=1MHz
25
ns
32
ns
20
ns
4.6
ns
0.8
6.4
nC
1.5
nC
VGS= 4.5V
−−
nC
ID= 3.5A
VDD
15
V
ID= 1.75A
VGS= 4.5V
RL=8.6
RG=10
RL=4.3
RG=10
Body diode characteristics (Source-drain) (Ta=25
°C)
VSD
−−
1.2
V
IS= 0.8A, VGS=0V
Forward voltage
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions


Similar Part No. - RTL035N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RTL035N03 ROHM-RTL035N03 Datasheet
69Kb / 3P
   2.5V Drive Nch MOSFET
RTL035N03 ROHM-RTL035N03 Datasheet
61Kb / 3P
   2.5V Drive Nch MOSFET
RTL035N03FRA ROHM-RTL035N03FRA Datasheet
921Kb / 3P
   2.5V Drive Nch MOSFET
RTL035N03TR ROHM-RTL035N03TR Datasheet
61Kb / 3P
   2.5V Drive Nch MOSFET
RTL035N03 ROHM-RTL035N03_07 Datasheet
69Kb / 3P
   2.5V Drive Nch MOSFET
More results

Similar Description - RTL035N03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UM6K31N TI-UM6K31N Datasheet
205Kb / 6P
[Old version datasheet]   2.5V Drive Nch Nch MOSFET
logo
Rohm
EM6K31_1009 ROHM-EM6K31_1009 Datasheet
195Kb / 6P
   2.5V Drive Nch Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31 ROHM-EM6K31 Datasheet
191Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2_0610 ROHM-QS5K2_0610 Datasheet
67Kb / 4P
   2.5V Drive NchNch MOSFET
US6K1TR ROHM-US6K1TR Datasheet
129Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31T2R ROHM-EM6K31T2R Datasheet
152Kb / 6P
   2.5V Drive Nch Nch MOSFET
UM6K31N ROHM-UM6K31N Datasheet
205Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2TR ROHM-QS5K2TR Datasheet
61Kb / 4P
   2.5V Drive Nch Nch MOSFET
RTR030N05 ROHM-RTR030N05 Datasheet
222Kb / 5P
   2.5V Drive Nch MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com