Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA529 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA529
Description  2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 3 Page - STMicroelectronics

  STA529 Datasheet HTML 1Page - STMicroelectronics STA529 Datasheet HTML 2Page - STMicroelectronics STA529 Datasheet HTML 3Page - STMicroelectronics STA529 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STA529
Revision history
3/4
Revision history
Table 1.
Document revision history
Date
Revision
Changes
18-Dec-2006
1
Initial release


Similar Part No. - STA529

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA529 STMICROELECTRONICS-STA529 Datasheet
506Kb / 58P
   2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA529B STMICROELECTRONICS-STA529B Datasheet
506Kb / 58P
   2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA529Q STMICROELECTRONICS-STA529Q Datasheet
506Kb / 58P
   2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA529 STMICROELECTRONICS-STA529_07 Datasheet
506Kb / 58P
   2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA529 STMICROELECTRONICS-STA529_12 Datasheet
515Kb / 57P
   FFX??audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
More results

Similar Description - STA529

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA529 STMICROELECTRONICS-STA529_07 Datasheet
506Kb / 58P
   2 x 100 mW class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA538 STMICROELECTRONICS-STA538 Datasheet
510Kb / 59P
   2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
STA529 STMICROELECTRONICS-STA529_12 Datasheet
515Kb / 57P
   FFX??audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
   2.0 digital audio processor with FFX digital modulator and analog and digital inputs
STA309B STMICROELECTRONICS-STA309B Datasheet
722Kb / 66P
   Multichannel digital audio processor with FFX짰
STA304 STMICROELECTRONICS-STA304 Datasheet
335Kb / 30P
   DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
8169 STMICROELECTRONICS-8169 Datasheet
338Kb / 30P
   DIGITAL AUDIO PROCESSOR WITH MULTICHANNEL DDX?
STA308 STMICROELECTRONICS-STA308 Datasheet
258Kb / 33P
   MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX?
STA306 STMICROELECTRONICS-STA306 Datasheet
232Kb / 33P
   MULTICHANNEL DIGITAL AUDIO PROCESSOR WITH DDX
STA311B STMICROELECTRONICS-STA311B Datasheet
1Mb / 102P
   Multichannel digital audio processor with FFXTM
October 2013 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com